Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB110 Datasheet(PDF) 20 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 20 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 24Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
20
APPLICATIONS INFORMATION
DEVICE OPERATION
POWER SUPPLY
The SMB110 can be powered from an input voltage
between 2.7-6.0 volts applied between the VBATT pin
and ground. The input voltage applied to the VBATT pin
is internally regulated and used as an internal VBATT
supply.
The
VBATT
pin
is
monitored
by
an
UnderVoltage Lockout (UVLO) circuit, which prevents
the device from turning on when the voltage at this
node is less than the UVLO threshold.
POWER-ON/OFF CONTROL
The outputs on the SMB110 can be turned on in one of
three ways: first a general purpose enable input pin
PWREN0, second an I
2C Power on command can be
issued, or third if a programmable bit is set to initiate
the power on process when the UVLO threshold is
exceeded. a restart will only occur if the power-on pin is
toggled or an I
2C Power on command is issued.
ENABLE
Once a power on command has been issued, the
power on process can be controlled by means of an
enable signal. Each channel can be controlled by one
of four enable signals and the assignment type can be
mixed and matched for each of the four channels. The
enable signal can stall the power-on process until the
enable is valid, or disable a controller once all supplies
have been enabled. There are two ways to generate
the enable signal; the first approach allows the enable
signal to be assigned the PWREN0 pin, and the second
approach allows the enable to be controlled by the
contents of a volatile register that can be written to at
any time. This volatile register will be automatically
initialized once the UVLO threshold has been exceeded
to a known programmed state.
POWER-ON SEQUENCING
Each channel on the SMB110 may be placed in any
one of four unique sequence positions. To provide
programmable order, the SMB110 navigates between
these sequence positions using a feedback-based
cascade-sequencing circuit. Cascade sequencing is the
process in which each channel is continually compared
against a programmable reference voltage until the
voltage on the monitored channel exceeds the
reference voltage, at which point an internal sequence
position counter is incremented and the next sequence
position is entered.
Once power-on sequencing has been initiated,
automated sequencing may commence in one of three
ways (Figure 7): normal sequencing, sequencing with
enable, and sequencing with channel bypass. In
addition, each channel may be powered on in a manual
mode, independent of the sequence position. The
power-on sequencing mode selection is programmable
over the I
2C bus and stored in the non-volatile memory.
NORMAL CASCADE SEQUENCING
During Normal Sequencing, the sequence position
counter is initialized to the first sequence position
(position 1), each channel occupying this position then
waits an individual programmable timeout period (tPPTO)
of 1.5, 12.5, 25, or 50 ms. Once enabled, all channels
occupying the first sequence position will begin a soft-
start. As the output voltage of the channel is ramped
up, it is monitored by a comparator based, user
programmable, under-voltage threshold sensor. After
this threshold is exceeded, indicating that the selected
channel(s) have reached their nominal operating range
the sequence position counter is incremented, and fault
monitoring begins for that channel. Once all channels
occupying the first sequence position have surpassed
their under-voltage thresholds, the power-on delay for
the next sequence position will begin. This process
continues until all channels have been sequenced on
and are above their under-voltage threshold.
SEQUENCING WITH ENABLE
During the Sequencing With Enable mode, sequencing
commences as with the Normal Sequencing, except
that prior to a channel beginning to soft-start, the
enable corresponding to that channel must be asserted.
In the event that the enable is not asserted, sequencing
will halt indefinitely until a valid enable is provided.
Once a valid enable is provided, a soft-start function will
begin for that channel. This process will continue until
all channels occupying the first sequence position are
above their under-voltage settings, at which point the
sequence position counter will be incremented.
SEQUENCING WITH CHANNEL BYPASS
When the Sequencing With Channel Bypass mode is
selected, sequencing will commence as with the
Sequencing With Enable, except that if the enable
signal is not asserted by the end of the power-on delay
period, that channel will be bypassed. If no other
channels occupy the current sequence position, the
sequence position counter will
be
incremented
beginning the power-on delay for all channels in the
next sequence position. Once a channel has been
bypassed, it may still be enabled any time prior to a
power off operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com