Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB110 Datasheet(PDF) 12 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 12 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 16Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
12
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Inverting Output Block Channel 0 (Continued)
IREF_OUT
VREF_OUT source current
VREF_OUT = 1.5V
100
µA
ML
Minimum load
3
L=33uF, VO=-7.5V,
VIN=4.2V, VD=0.3V
10.1
kΩ
Boost Output Block Channel 1
VOUT
Programmable voltage set point
range
VBATT=4.2V, ILOAD=0
4.5
35
V
∆VOUT
Output accuracy
Excluding external resistor
divider accuracy
0.5
%
Output high
17
RDRVH
HSDRV ON resistance
Output low
3
Ω
High
85
95
D.C.
Duty Cycle
Low
5
15
%
VCOMP1
Feedback voltage reference
COMP1 pin
Programmable in 4mV steps
1.0
V
∆VCOMP1
Feedback voltage reference
accuracy
COMP1 pin
-0.5
+0.5
%
ML
Minimum load
4
L=33uF, VO=12V, VIN=4.2V,
VD=0.3V
29
kΩ
IPCHSEQ
PCHSEQ sink current
50
100
µA
ENTH
Enable threshold
Voltage on PCHSEQ pin
when LSDRV output is
enabled
200
mV
Buck Output Block Channels 2 and 3
VBATT = 4.2V, ILOAD = 0
0.5
3.8
VOUT
Voltage nominal set point range
VBATT = 6.0V, ILOAD = 0
0.6
5.4
V
∆VOUT
Output accuracy
Including internal resistor
divider
0.5
%
Output high
8
RDRVH
HSDRV ON resistance
Output low
8
Ω
Output high
17
RDRVL
LSDRV ON resistance
Output low
3
VCOMP1
Feedback voltage reference
COMP1 pin
Programmable in 4mV steps
1.0
V
∆VCOMP1
Feedback voltage reference
accuracy
COMP1 pin
-0.5
+0.5
mV
High
85
95
D.C.
Duty Cycle
Low
5
15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com