Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB110 Datasheet(PDF) 17 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 17 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 21Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
17
Channel 0 Inverting -7.5V
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0
0.01
0.02
0.03
0.04
Current (Amps)
3.0V
3.3V
3.6V
3.8V
4.2V
Channel 2 Buck 2.5 Volts
0.8
0.82
0.84
0.86
0.88
0.9
0.92
0.94
0
0.1
0.2
0.3
Current (Amps)
3.0V
3.3V
3.6V
3.8V
4.2V
EFFICIENCY GRAPHS
Channel 1 Boost 6.0V
0.78
0.8
0.82
0.84
0.86
0.88
0.9
0.92
0.94
0.96
0
0.2
0.4
0.6
0.8
1
Current (Amps)
4.2V
3.8V
3.6V
3.0V
Channel 3 (Ch 1 Boost + Buck) 3.0 Volts
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.01
0.11
0.21
0.31
Current (Amps)
3.0V
3.3V
3.6V
3.8V
4.2V
(All measurements are taken at 25°C, and are based on the Applications Schematic.)
Channel 3 (Ch 1 Boost + Buck) 5.0 Volts
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
0
0.1
0.2
0.3
0.4
Current (Amps)
3.0V
3.3V
3.6V
3.8V
4.2V
Channel 2 Buck 1.2V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.2
0.4
0.6
Current (Amps)
3.0V
3.3V
3.6V
3.8V
4.2V
Channel 1 Boost 12V
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0
0.01
0.02
0.03
Current (Amps)
3.0V
3.3V
3.6V
3.8V
4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com