Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB110 Datasheet(PDF) 26 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 26 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 30Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
26
APPLICATIONS INFORMATION (CONTINUED)
Item
Description-
Vendor / Part
Number
Qty
Ref. Des.
Resistors
1
365Ω, 1/16W, 1%, 0402, SMD
Any
2
R1, R4
2
12KΩ 1/16W, 1%, 0402, SMD
Any
2
R2, R3
3
316KΩ, 1/16W, 1%, 0402, SMD
Any
1
R5
4
392KΩ, 1/16W, 5%, 0402, SMD
Any
1
R6
5
33KΩ, 1/16W, 5%, 0402, SMD
Any
1
R7
6
11KΩ, 1/16W, 5%, 0402, SMD
Any
1
R8
7
10Ω, 1/16W, 5%, 0402, SMD
Any
7
R9, R10, R11, R12, R13, R17, R18
8
90KΩ, 1/16W, 5%, 0402, SMD
Any
1
R14
9
432Ω, 1/16W, 5%, 0402, SMD
Any FDC6432SH
1
R15
10
15KΩ, 1/16W, 5%, 0402, SMD
Any
1
R16
11
100KΩ, 1/16W, 1%, 0402, SMD
Any
1
R19
12
47KΩ, 1/16W, 5%, 0402, SMD
Any
1
R20, R22, R23, R24, R27
13
6.8KΩ, 1/16W, 1%, 0402, SMD
Any
5
R21
Capacitors
14
0.1uF, 16V, ceramic, X7R, 0402, SMD
Any
7
C1, C29, C31, C33, C34, C38, C43
15
1uF, 16V, ceramic, X7R, 0402, SMD
Any
1
C2
16
22uF, 6.3V, ceramic, Y5V, 1210, SMD
Any
4
C5, C7, C18, C25
17
2700pF, 50V, ceramic, X7R, 0402, SMD
Any
3
C9, C12, C23
18
68pF , 50V, ceramic, X7R, 0402, SMD
Any
2
C10, C13
19
1000pF, 50V, ceramic, X7R, 0402, SMD
Any
2
C11, C14
20
3300pF, 50V, ceramic, COG, 0402, SMD Any
2
C15, C17
21
100pF, 50V, ceramic, C0G, 0402, SMD
Any
2
C16, C24
22
10uF, 6.3V, ceramic, X5R, 0805, SMD
Any
7
C20, C28, C30, C32, C35, C39, C44
23
1800pF, 50V ceramic, X7R, 0402, SMD
Any
1
C22
24
0.01uF, 50V, ceramic, X7R, 0402, SMD
Any
1
C27
Semiconductors
25
Diode, Schottky, 20V, 200mA SS-MI
Panasonic,
MA2SD24
2
D3, D4
26
MOSFET p-channel, 20V, 0.05 Ohm.
Fairchild,
FDC640P
1
Q2
27
MOSFET, Complementary, Fairchild
Semiconductor, FDC6420C
Fairchild,
FDC6420C or
equivalent
3
Q1, Q3, Q4
28
SMB110N
Summit
Microelectronics
1
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com