Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB110 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
10
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Temperature Under Bias .................... -55
°C to +125°C
Storage Temperature.......................... -65
°C to +150°C
Terminal Voltage with Respect to GND:
VBATT Supply Voltage ................... -0.3V to +6.5V
HVSUP Supply Voltage .................. -0.3V to +6.5V
LDO_SUPPLY ................................ -0.3V to +6.5V
All Others ...................................... -0.3V to VBATT
Output Short Circuit Current .................…………100mA
Reflow Solder Temperature (30 secs)................. 260
°C
Junction Temperature.......................................... 150
°C
ESD Rating per JEDEC ....................................... 2000V
Latch-Up testing per JEDEC.............................
±100mA
Commercial Temperature Range............... 0°C to +70°C
VBATT Supply Voltage ..............................2.7V to +6.0V
HVSUP Supply Voltage..............................2.7V to +6.0V
LDO_SUPPLY........................................... GND to +6.0V
All Others.................................................GND to VBATT
Package Thermal Resistance (
θJA)
32 Lead QFN. ………..……………..……………...…TBD
Moisture Classification Level 3 (MSL 3) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention ................................................. 100 Years
Endurance..................................................100,000 Cycle
Temperature Range
0°C to +70°C
Note - The device is not guaranteed to function outside its operating rating. Stresses listed under Absolute Maximum
Ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions outside those listed in the operational sections of the specification is not implied.
Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. Devices
are ESD sensitive. Handling precautions are recommended.
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBATT
Input supply voltage
Input supply voltage
(operational)
2.7
6.0
V
VLDO_SUPP
Linear regulator supply voltage
Internally multiplexed with
VBATT
2.7
6.0
V
VHVSUP
Buck driver supply voltage
Gate drive voltage
2.7
6.0
V
VBATT rising
2.2
VUVLO
Undervoltage lockout
VBATT falling
2.0
V
IDD-MONITOR
Monitoring current
All voltage inputs monitored.
No supplies switching,
VBATT at 4.2V, LDO on with
no output enabled
330
µA
ISD
Switching current for one output
enabled
Current drawn when one
output enabled
1.2
mA
IDD-
Total current all channels
switching.
1
VBATT at 4.2V, LDO on with
no load
2.2
mA
VREF(INT)
Internal voltage reference
0.995
1.005
V
Oscillator
fOSC
Oscillator frequency
800
kHz
∆fOSC
Oscillator frequency accuracy
-10
+10
%
OPP
Oscillator peak to peak
2 voltage
1
V
∆fSV
Frequency stability for voltage
0.1
%/V
∆fST
Frequency stability for
temperature
0.04
%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com