Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB110 Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
8
PIN DESCRIPTION
Pin Number
Pin Type Pin Name
Pin Description
27
OUT
HSDRV_CH3
The HSDRV_CH3 (Channel 3 High-side Driver) pin is the upper
switching node of the channel 3 synchronous buck controller. Attach
to the gate of p-channel MOSFET. A delay exists between the
assertion of HSDRV_CH3 and assertion of LSDRV_CH3 to prevent
excessive current flow during switching.
28
IN
PWREN0
The PWREN0 (Power Enable 0) pin is a programmable input used to
enable (disable) selected supplies. When unused this pin should be
tied to a solid logic level.
29
IN
COMP2_CH3
The COMP2_CH3 (Channel 3 secondary Compensation) pin is the
secondary compensation input of the channel 3 buck controller.
30
IN
COMP1_CH3
The COMP1_CH3 (Channel 3 primary Compensation) pin is the
primary compensation input of the channel 3 buck controller. Each
pin is internally connected to a programmable resistor divider.
31
IN
VM_CH3
The VM_CH3 (Channel 3 Voltage Monitor) pin connects the channel
3 controller output. Internally the VM_CH3 pin connects to an internal
programmable resistor divider.
32
PWR
GND
The GND pin should be connected to the common ground plane
through a short fat wire.
PAD
PWR
GND
The exposed metal pad should be attached to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com