Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB110 Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 18Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
14
AC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1.3
1.5
1.7
10.6
12.5
14.4
21.3
25
28.8
tPPTO
Programmable power-On
sequence timeout period.
Programmable
power-On
sequence
position to sequence position delay.
42.5
50
57.5
ms
1.3
1.5
1.7
10.6
12.5
14.4
21.3
25
28.8
tDPOFF
Programmable power-off
sequence timeout period.
Programmable power-off sequence
position to sequence position delay.
42.5
50
57.5
ms
21.3
25
28.8
42.5
50
57.5
85
100
115
tPRTO
Programmable reset
time-out delay
Programmable time following assertion of
last supply before nRESET pin is released
high.
170
200
230
ms
OFF
42.5
50
57.5
85
100
115
tPST
Programmable sequence
termination period
Time between active enable in which
corresponding outputs must exceed there
programmed under voltage threshold. If
exceeded, a force shutdown will be
initiated.
170
200
230
ms
0
tPGF
Programmable glitch filter
Period for which fault must persist before
fault triggered actions are taken. Present
on all buck, boost, and inverting supplies.
6.8
8
9.2
µs
340
400
460
170
200
230
85
100
115
56.7
66.7
76.7
42.5
50
57.5
28.3
33.3
38.3
21.3
25
28.8
SRREF
Programmable slew rate
reference
Adjustable slew rate factor proportional to
output slew rate.
17.0
20
23
V/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com