Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
32
4.9
Module-Level AC Electrical Specifications
This section contains the AC electrical information (including timing specifications) for the modules of
the i.MX35. The modules are listed in alphabetical order.
4.9.1
AUDMUX Electrical Specifications
The AUDMUX provides a programmable interconnect logic for voice, audio and data routing between
internal serial interfaces (SSI) and external serial interfaces (audio and voice codecs). The AC timing of
AUDMUX external pins is hence governed by the SSI module. See the electrical specification for SSI.
4.9.2
CSPI AC Electrical Specifications
The i.MX35 provides two CSPI modules. CSPI ports are multiplexed in the i.MX35 with other pins. See
the “External Signals and Multiplexing” chapter of the reference manual for more details.
Output pin di/dt (max. drive)2
didt
25 pF
50 pF
89
95
202
213
435
456
mA/ns
Input pin transition times3
trfi
1.0 pF
0.07/0.08
0.11/0.12
0.16/0.20
ns
Input pin propagation delay, 50%–50%
tpi
1.0 pF
0.35/1.17
0.63/1.53
1.16/2.04
ns
Input pin propagation delay, 40%–60%
tpi
1.0 pF
1.18/1.99
1.45/2.35
1.97/2.85
ns
1 Min. condition for tps: wcs model, 1.1 V, IO 1.65 V, and 105 °C. tps is measured between VIL to VIH for rising edge and between
VIH to VIL for falling edge.
2 Max. condition for tdit: bcs model, 1.3 V, IO 1.95 V, and –40 °C.
3 Max. condition for tpi and trfi: wcs model, 1.1 V, IO 1.65 V and 105 °C. Min. condition for tpi and trfi: bcs model, 1.3 V, IO 1.95V
and –40 °C. Input transition time from pad is 5 ns (20%–80%).
Table 25. AC Electrical Characteristics of DDR Type IO Pins in SDRAM Mode Max Drive (1.8 V) (continued)
Parameter
Symbol
Test Condition
Min.
Rise/Fall
Typ.
Max.
Rise/Fall
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com