Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 86Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 87Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 88Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 89Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 90Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 91Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
90
The following parameters are programmed via the DI_DISP#_TIME_CONF_1,
DI_DISP#_TIME_CONF_2, and DI_HSP_CLK_PER registers:
•
DISP#_IF_CLK_PER_WR, DISP#_IF_CLK_PER_RD
•
HSP_CLK_PERIOD
•
DISP#_IF_CLK_DOWN_WR
•
DISP#_IF_CLK_UP_WR
•
DISP#_IF_CLK_DOWN_RD
•
DISP#_IF_CLK_UP_RD
•
DISP#_READ_EN
4.9.13.5
Serial Interfaces, Functional Description
The IPU supports the following types of asynchronous serial interfaces:
•
3-wire (with bidirectional data line)
•
4-wire (with separate data input and output lines)
•
5-wire type 1 (with sampling RS by the serial clock)
•
5-wire type 2 (with sampling RS by the chip select signal)
Figure 63 depicts timing of the 3-wire serial interface. The timing images correspond to active-low
DISPB_D#_CS signal and the straight polarity of the DISPB_SD_D_CLK signal.
For this interface, a bidirectional data line is used outside the device. The IPU still uses separate input and
output data lines (IPP_IND_DISPB_SD_D and IPP_DO_DISPB_SD_D). The I/O mux connects the
internal data lines to the bidirectional external line according to the IPP_OBE_DISPB_SD_D signal
provided by the IPU.
Each data transfer can be preceded by an optional preamble with programmable length and contents. The
preamble is followed by read/write (RW) and address (RS) bits. The order of the these bits is
programmable. The RW bit can be disabled. The following data can consist of one word or of a whole
burst. The interface parameters are controlled by the DI_SER_DISPn_CONF registers (n = 1, 2).
9 Data read point
10 Loopback delay Tlbd is the cumulative propagation delay of read controls and read data. It includes an IPU output delay, a
device – level output delay, board delays, a device – level input delay, an IPU input delay. This value is device specific.
Tdrp
T
HSP_CLK
ceil
DISP#_READ_EN
HSP_CLK_PERIOD
--------------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com