Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
17
4.3
Supply Power-Up/Power-Down Requirements and Restrictions
This section provides power-up and power-down sequence guidelines for the i.MX35 processor.
CAUTION
Any i.MX35 board design must comply with the power-up and power-down
sequence guidelines as described in this section to guarantee reliable
operation of the device. Any deviation from these sequences can result in
irreversible damage to the i.MX35 processor (worst-case scenario).
Stop
VDD1,2,3,4 = 1.1 V (min.)
ARM is in wait for interrupt mode.
MAX is halted
L2 cache is kept powered.
L2 cache control logic off.
AWB enabled.
MCU PLL is off.
PER PLL is off.
All clocks are gated off.
OSC 24 MHz is on
OSC audio is off
RNGC internal osc is off
1.1
mA
77
mA
400
µA
2.2
mA
1.2
mA
2.2
mA
Static
VDD1,2,3,4 = 1.1 V (min.)
ARM is in wait for interrupt mode.
MAX is halted
L2 cache is kept powered.
L2 cache control logic off.
AWB enabled.
MCU PLL is off.
PER PLL is off.
All clocks are gated off.
OSC 24MHz is on
OSC audio is off
RNGC internal osc is off
820
µA
72
mA
50
µA
1.7
mA
24
µA
35
µA
Note: Typical column: TA = 25
°C
Note: Maximum column: TA = 85
°C
Table 10. i.MX35 Power Modes (continued)
Power
Mode
Description
QVCC (ARM/L2
Peripheral)
MVDD/PVDD
OSC24M_VDD
OSC_AUDO_VDD
Typ.
Max.
Typ.
Max.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com