| Electronic Components Datasheet Search |
|
IMX35 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX35 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc |
|
72 / 148 page ![]() i.MX35 Applications Processors for Automotive Products, Rev. 6 Freescale Semiconductor 72 4.9.13.1 Synchronous Interfaces This section discusses the interfaces to active matrix TFT LCD panels, Sharp HR-TFT, and dual-port smart displays. 4.9.13.1.4 Interface to Active Matrix TFT LCD Panels, Functional Description Figure 48 depicts the LCD interface timing for a generic active matrix color TFT panel. In this figure, signals are shown with negative polarity. The sequence of events for active matrix interface timing is as follows: • DISPB_D3_CLK latches data into the panel on its negative edge (when positive polarity is selected). In active mode, DISPB_D3_CLK runs continuously. • DISPB_D3_HSYNC causes the panel to start a new line. • DISPB_D3_VSYNC causes the panel to start a new frame. It always encompasses at least one HSYNC pulse. • DISPB_D3_DRDY acts like an output enable signal to the CRT display. This output enables the data to be shifted to the display. When disabled, the data is invalid and the trace is off. Figure 48. Interface Timing Diagram for TFT (Active Matrix) Panels 4.9.13.1.5 Interface to Active Matrix TFT LCD Panels, Electrical Characteristics Figure 49 depicts the horizontal timing (timing of one line), including both the horizontal sync pulse and the data. All figure parameters shown are programmable. The timing images correspond to inverse polarity DISPB_D3_CLK 123 m m–1 DISPB_D3_HSYNC DISPB_D3_VSYNC DISPB_D3_HSYNC LINE 1 LINE 2 LINE 3 LINE 4 LINE n – 1 LINE n DISPB_D3_DRDY DISPB_D3_DATA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |