Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
55
Figure 32. DDR2 SDRAM Write Cycle Timing Diagram
NOTE
These values are for DQ/DM slew rate of 1 V/ns and DQS slew rate of
1 V/ns. For different values use the derating table.
Figure 33. DDR2 SDRAM Write Cycle Parameters
ID
PARAMETER
Symbol
DDR2-400
Unit
Min
Max
DDR17 DQ and DQM setup time to DQS (single-ended strobe)
tDS1(base)
0.025
—
ns
DDR18 DQ and DQM hold time to DQS (single-ended strobe)
tDH1(base)
0.025
—
ns
DDR19 Write cycle DQS falling edge to SDCLK output setup time.
tDSS
0.2
—
tCK
DDR20 Write cycle DQS falling edge to SDCLK output hold time.
tDSH
0.2
—
tCK
DDR21 DQS latching rising transitions to associated clock edges
tDQSS
–0.25
0.25
tCK
DDR22 DQS high level width
tDQSH
0.35
—
tCK
DDR23 DQS low level width
tDQSL
0.35
—
tCK
SDCLK
SDCLK_B
DQS (output)
DQ (output)
DQM (output)
Data
Data
Data
Data
Data
Data
Data
Data
DM
DM
DM
DM
DM
DM
DM
DM
DDR17
DDR17
DDR17
DDR17
DDR18
DDR18
DDR18
DDR18
DDR19
DDR20
DDR21
DDR23
DDR22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com