Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
6
1.3
Block Diagram
Figure 1 is the i.MX35 simplified interface block diagram.
Figure 1. i.MX35 Simplified Interface Block Diagram
2
Functional Description and Application Information
The i.MX35 consists of the following major subsystems:
•
ARM1136 Platform—AP domain
•
SDMA Platform and EMI—Shared domain
2.1
Application Processor Domain Overview
The applications processor (AP) and its domain are responsible for running the operating system and
applications software, providing the user interface, and supplying access to integrated and external
peripherals. The AP domain is built around an ARM1136JF-S core with 16-Kbyte instruction and data L1
caches, an MMU, a 128-Kbyte L2 cache, a multiported crossbar switch, and advanced debug and trace
interfaces.
External Memory
Interface (EMI)
Smart
DMA
Peripherals
ARM11
Internal
Memory
DDR2/SDDR
RAM
NOR
Flash/
NAND
Flash
Audio/Power
Management
ARM1136JF-S
ESAI
SPBA
CSPI
UART
Camera
Image
Processing Unit
(IPU)
Platform
Bluetooth
MMC/SDIO
Keypad
VFP
L2 cache
MAX
AIPS (2)
JTAG
LCD Display 2
LCD Display 1
Sensor
External Graphics
Accelerator
Timers
GPT
RTC
GPIO(3)
WDOG
OWIRE
I2C(3)
PWM
KPP
UART(2)
3 FuseBox
PSRAM
or WLAN
SCC
CAN(2)
SPDIF
HS USBOTG
ATA
IIM
CSPI
RTICv3
eSDHC(3)
MSHC
ASRC
AUDMUX
L1 I/D cache
ETM
AVIC
RNGC
EPIT
ECT
IOMUX
MLB
FEC
HS USBOTGPHY
HS USBHost
FS USBPHY
SSI
SSI
GPIO(3)
ECT
GPU 2D
Connectivity
Access
ARM1136 Platform Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com