| Electronic Components Datasheet Search |
|
IMX35 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX35 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc |
|
12 / 148 page ![]() i.MX35 Applications Processors for Automotive Products, Rev. 6 Freescale Semiconductor 12 OSC24M OSC24M 24-MHz reference oscillator Analog Clock The signal from the external 24-MHz crystal is the source of the CLK24M signal fed into USB PHY as the reference clock and to the real time clock (RTC). MPLL PPLL Digital phase-locked loops SDMA Clocks DPLLs are used to generate the clocks: MCU PLL (MPLL)—programmable Peripheral PLL (PPLL)—programmable PWM Pulse-width modulator ARM ARM1136 platform peripherals The pulse-width modulator (PWM) is optimized to generate sound from stored sample audio images; it can also generate tones. RTC Real-time clock ARM Clocks Provides the ARM1136 platform with a clock function (days, hours, minutes, seconds) and includes alarm, sampling timer, and minute stopwatch capabilities. SDMA Smart DMA engine SDMA System controls The SDMA provides DMA capabilities inside the processor. It is a shared module that implements 32 DMA channels and has an interface to connect to the ARM1136 platform subsystem, EMI interface, and the peripherals. SJC Secure JTAG controller ARM Pins The secure JTAG controller (SJC) provides debug and test control with maximum security. SPBA SDMA peripheral bus arbiter SDMA System controls The SPBA controls access to the SDMA peripherals. It supports shared peripheral ownership and access rights to an owned peripheral. S/PDIF Serial audio interface SDMA Connectivity peripherals Sony/Philips digital transceiver interface SSI(2) Synchronous serial interface SDMA, ARM(2) Connectivity peripherals The SSI is a full-duplex serial port that allows the processor connected to it to communicate with a variety of serial protocols, including the Freescale Semiconductor SPI standard and the I2C sound (I2S) bus standard. The SSIs interface to the AUDMUX for flexible audio routing. UART(3) Universal asynchronous receiver/trans mitters ARM (UART1,2) SDMA (UART3) Connectivity peripherals Each UART provides serial communication capability with external devices through an RS-232 cable using the standard RS-232 non-return-to-zero (NRZ) encoding format. Each module transmits and receives characters containing either 7 or 8 bits (program-selectable). Each UART can also provide low-speed IrDA compatibility through the use of external circuitry that converts infrared signals to electrical signals (for reception) or transforms electrical signals to signals that drive an infrared LED (for transmission). Table 4. Digital and Analog Modules (continued) Block Mnemonic Block Name Domain1 Subsystem Brief Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |