Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 109Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 110Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 111Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 112Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 113Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 114Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 115Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 116Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
113
Figure 91. SRCK Timing
Figure 92. STCLK Timing
4.9.22
SSI Electrical Specifications
This section describes electrical characteristics of the SSI.
NOTE
•
All of the timing for the SSI is given for a non-inverted serial clock
polarity (TSCKP/RSCKP = 0) and a non-inverted frame sync
(TFSI/RFSI = 0). If the polarity of the clock and/or the frame sync have
been inverted, all the timing remains valid by inverting the clock signal
STCK/SRCK and/or the frame sync STFS/SRFS shown in the tables
and in the figures.
•
All timing is on AUDMUX signals when SSI is being used for data
transfer.
•
“Tx” and “Rx” refer to the transmit and receive sections of the SSI,
respectively.
•
For internal frame sync operations using the external clock, the FS
timing will be the same as that of Tx Data (for example, during AC97
mode of operation).
SRCK
(Output)
VM
VM
srckp
srckph
srckpl
STCLK
(Input)
VM
VM
stclkp
stclkph
stclkpl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com