| Electronic Components Datasheet Search |
|
AT90SCR100 Datasheet(PDF) 106 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 Datasheet(HTML) 106 Page - ATMEL Corporation |
|
106 / 433 page ![]() 106 TPR0327AY–SMS–30Jan09 AT90SCR100 Figure 13-12. 16-bit Timer/Counter Block Diagram 13.2.1.1 Registers The Timer/Counter1 (TCNT1), Output Compare Registers (OCR1A/B), and Input Capture Reg- ister (ICR1) are all 16-bit registers. Special procedures must be followed when accessing the 16- bit registers. These procedures are described in the section “Accessing 16-bit Registers” on page 107. The Timer/Counter Control Registers (TCCR1A/B/C) are 8-bit registers and have no CPU access restrictions. Interrupt requests (abbreviated to Int.Req. in the figure) signals are all visible in the Timer Interrupt Flag Register (TIFR1). All interrupts are individually masked with the Timer Interrupt Mask Register (TIMSK1). TIFR1 and TIMSK1 are not shown in the figure. The Timer/Counter1 can be clocked internally, via the prescaler, or by an external clock source on the T1 pin. The Clock Select logic block controls which clock source and edge the Timer/Counter uses to increment (or decrement) its value. The Timer/Counter1 is inactive when no clock source is selected. The output from the Clock Select logic is referred to as the timer clock (clkTn). The double buffered Output Compare Registers (OCR1A/B) are compared with the Timer/Coun- ter value at all time. The result of the compare can be used by the Waveform Generator to Clock Select Timer/Counter OCR1A OCR1B ICR1 = = TCNT1 Waveform Generation Waveform Generation OC1A OC1B Noise Canceler ICP1 = Fixed TOP Values Edge Detector Control Logic = 0 TOP BOTTOM Count Clear Direction TOV1 (Int.Req.) OC1A (Int.Req.) OC1B (Int.Req.) ICF1 (Int.Req.) TCCR1A TCCR1B T1 Edge Detector ( From Prescaler ) clk Tn |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |