Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90SCR100 Datasheet(PDF) 196 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 196 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 192Page - ATMEL Corporation AT90SCR100 Datasheet HTML 193Page - ATMEL Corporation AT90SCR100 Datasheet HTML 194Page - ATMEL Corporation AT90SCR100 Datasheet HTML 195Page - ATMEL Corporation AT90SCR100 Datasheet HTML 196Page - ATMEL Corporation AT90SCR100 Datasheet HTML 197Page - ATMEL Corporation AT90SCR100 Datasheet HTML 198Page - ATMEL Corporation AT90SCR100 Datasheet HTML 199Page - ATMEL Corporation AT90SCR100 Datasheet HTML 200Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 433 page
background image
196
TPR0327AY–SMS–30Jan09
AT90SCR100
15.7.5
SCIER - Smart Card UART Interrupt Enable Register
• Bit 7 – ESCTBI: UART Transmit Buffer Empty Interrupt Enable
Clear this bit to disable the Smart Card UART Transmit Buffer Empty interrupt.
Set this bit to enable the Smart Card UART Transmit Buffer Empty interrupt.
• Bit 6 – CARDINE: Card In Interrupt Enable
Clear this bit to disable te Smart Card Card Presence Detection interrupt generation.
Set this bit to enable te Smart Card Card Presence Detection interrupt generation.
• Bit 5 – Res: Reserved Bits
Those bits arereserved and will always be read as ‘0’.
• Bit 4 – EVCARDER: Card Voltage Error Interrupt Enable
Clear this bit to disable the Card Voltage Error interrupt.
Set this bit to enable the Card Voltage Error interrupt.
• Bit 3 – ESCWTI: Waiting Time Counter Timeout Interrupt Enable
Clear this bit to disable the Waiting Time Counter timeout interrupt.
Set this bit to enable the Waiting Time Counter timeout interrupt.
• Bit 2 – ESCTI: UART Transmitted Character Interrupt Enable
Clear this bit to disable the Smart Card UART Transmitted Character interrupt.
Set this bit to enable the Smart Card UART Transmitted Character interrupt.
• Bit 1 – ESCRI: UART Received Character Interrupt Enable
Clear this bit to disable the Smart Card UART Received Character interrupt.
Set this bit to enable the Smart Card UART Received Character interrupt.
• Bit 0 – ESCPI: Character Reception Parity Error Interrupt Enable
Clear this bit to disable the Smart Card Character Reception Parity Error interrupt.
Set this bit to enable the Smart Card Character Reception Parity Error interrupt.
15.7.6
SCSR - Smart Card Selection Register
• Bit 7 – Reserved Bit
Bit
7
6
5
4
3
2
1
0
$0000FD
ESCTBI CARDINE
-
EVCARDER ESCWTI
ESCTI
ESCRI
ESCPI
SCIER
Read/write
R/W
R
R
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
Bit
7
6
5
4
3
2
1
0
$0000FA
-
BGTEN
-
CREPSEL CPRESRES
-
-
-
SCSR
Read/write
R
R/W
R
R/W
R/W
R
R
R
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com