Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F1934-E/SS Datasheet HTML 1Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 2Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 3Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 4Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 5Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 6Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 7Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 8Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 1
PIC16F193X/LF193X
Devices Included In This Data Sheet:
PIC16F193X Devices:
PIC16LF193X Devices:
High-Performance RISC CPU:
• Only 49 Instructions to Learn:
- All single-cycle instructions except branches
• Operating Speed:
- DC – 32 MHz oscillator/clock input
- DC – 125 ns instruction cycle
• Up to 16K x 14 Words of Flash Program Memory
• Up to 1024 Bytes of Data Memory (RAM)
• Interrupt Capability
• 16-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
• Processor Read Access to Program Memory
• Pinout Compatible to other 28/40-pin PIC16CXXX
and PIC16FXXX Microcontrollers
Special Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ±1%, typical
- Software selectable frequency range from
32 MHz to 31 kHz
• Power-Saving Sleep mode
• Industrial and Extended Temperature Range
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset (BOR)
- Selectable between two trip points
- Disable in Sleep option
• Multiplexed Master Clear with Pull-up/Input Pin
• Programmable Code Protection
• High Endurance Flash/EEPROM cell:
- 100,000 write Flash endurance
- 1,000,000 write EEPROM endurance
- Flash/Data EEPROM retention: > 40 years
• Wide Operating Voltage Range:
- 1.8V-5.5V (PIC16F193X)
- 1.8V-3.6V (PIC16LF193X)
Low-Power Features:
• Standby Current:
- 100 nA @ 2.0V, typical (PIC16LF193X)
• Operating Current:
-6.0
μA @ 32 kHz, 2.0V, typical (PIC16LF193X)
-54
μA @ 1 MHz, 2.0V, typical (PIC16LF193X)
• Low-Power Watchdog Timer Current:
-1.0
μA @ 2.0V, typical (PIC16LF193X)
Peripheral Features:
• Up to 35 I/O Pins and 1 Input-only pin:
- High-current source/sink for direct LED drive
- Individually programmable Interrupt-on-pin
change pins
- Individually programmable weak pull-ups
• A/D Converter:
- 10-bit resolution and up to 14 channels
- Can operate during Sleep
- Selectable 1.024/2.048/4.096V voltage
reference
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1
- Dedicated low-power 32 kHz oscillator
- 16-bit timer/counter with prescaler
- External Gate Input mode with toggle and
single shot modes
- Interrupt-on-gate completion
• Timer2, 4, 6: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Two Capture, Compare, PWM Modules (CCP)
- 16-bit Capture, max. resolution 12.5 ns
- 16-bit Compare, max. resolution 200 ns
- 10-bit PWM, max. frequency 20 kHz
• Three Enhanced Capture, Compare, PWM
modules (ECCP)
- Software selectable time-bases
- Auto-shutdown and auto-restart
- PWM steering
• Master Synchronous Serial Port (SSP) with SPI
and I2CTM with:
- 7-bit address masking
- SMBUS/PMBUSTM compatibility
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter (EUSART)
- RS-232, RS 485 and LIN compatible
- Auto-Baud Detect
- Auto-wake-up on start
• PIC16F1933
• PIC16F1934
• PIC16F1936
• PIC16F1937
• PIC16F1938
• PIC16F1939
• PIC16LF1933
• PIC16LF1934
• PIC16LF1936
• PIC16LF1937
• PIC16LF1938
• PIC16LF1939
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com