Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 93Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 94Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 95Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 96Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 97Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 98Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 99Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 100Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 95
PIC16F193X/LF193X
6.4.1
PORTC FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTC pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are briefly described here. For additional information,
refer to the appropriate section in this data sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the lowest number in
the following lists.
RC0
1.
T1OSO (Timer1 Oscillator)
2.
P2B (CCP)
3.
RC0
RC1
1.
T1OSI (Timer1 Oscillator)
2.
P2A (CCP)
3.
RC1
RC1
1.
SEG3 (LCD)
2.
P1A (CCP)
3.
RC2
RC3
1.
SEG6 (LCD)
2.
SCL (MSSP)
3.
SCK (MSSP)
4.
RC3
RC4
1.
SEG11 (LCD)
2.
SDA (MSSP)
3.
RC4
RC5
1.
SEG10 (LCD)
2.
SDL (MSSP)
3.
RC5
RC6
1.
SEG9 (LCD)
2.
TX (EUSART)
3.
CK (EUSART)
4.
P3A (CCP), 28-pin only
5.
RC6
RC7
1.
SEG8 (LCD)
2.
DT (EUSART)
3.
P3B (CCP), 28 pin only
4.
RC7
TABLE 6-3:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
APFCON
—CCP3SEL
T1GSEL
P2BSEL
SRNQSEL C2OUTSEL
SSSEL
CCP2SEL
84
CCPxCON
PxM1
PxM0
DCxB1
DCxB0
CCPxM3
CCPxM2
CCPxM1
CCPxM0
184
LATC
LATC7
LATC6
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
93
LCDCON
LCDEN
SLPEN
WERR
—
CS1
CS0
LMUX1
LMUX0
243
LCDSE0
SE7
SE6
SE5
SE4
SE3
SE2
SE1
SE0
247
LCDSE1
SE15
SE14
SE13
SE12
SE11
SE10
SE9
SE8
247
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
93
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
223
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
277
SSPSTAT
SMP
CKE
D/A
P
S
R/W
UA
BF
276
T1CON
TMR1CS1
TMR1CS0
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
—
TMR1ON
169
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
222
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
94
Legend:
x = unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com