Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 13Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 14Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 15Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 16Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 17Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 18Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 19Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 20Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 15
PIC16F193X/LF193X
TABLE 1-1:
PIC16F193X/LF193X PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/C12IN0-/C2OUT(1)/
SRNQ(1)/SS(1)/VCAP(2)/SEG12
RA0
TTL
CMOS General purpose I/O.
AN0
AN
—
A/D Channel 0 input.
C12IN0-
AN
—
Comparator C1 or C2 negative input.
C2OUT
—
CMOS Comparator C2 output.
SRNQ
—
CMOS SR Latch inverting output.
SS
ST
—
Slave Select input.
VCAP
Power
Power
Filter capacitor for Voltage Regulator (PIC16F193X only).
SEG12
—
AN
LCD Analog output.
RA1/AN1/C12IN1-/SEG7
RA1
TTL
CMOS General purpose I/O.
AN1
AN
—
A/D Channel 1 input.
C12IN1-
AN
—
Comparator C1 or C2 negative input.
SEG7
—
AN
LCD Analog output.
RA2/AN2/C2IN+/VREF-/CVREF/
COM2
RA2
TTL
CMOS General purpose I/O.
AN2
AN
—
A/D Channel 2 input.
C2IN+
AN
—
Comparator C2 positive input.
VREF-
AN
—
A/D Negative Voltage Reference input.
CVREF
—
AN
Comparator Voltage Reference output.
COM2
—
AN
LCD Analog output.
RA3/AN3/C1IN+/VREF+/
COM3(3)/SEG15
RA3
TTL
CMOS General purpose I/O.
AN3
AN
—
A/D Channel 3 input.
C1IN+
AN
—
Comparator C1 positive input.
VREF+
AN
—
A/D Voltage Reference input.
COM3(3)
—
AN
LCD Analog output.
SEG15
—
AN
LCD Analog output.
RA4/C1OUT/CPS6/T0CKI/SRQ/
CCP5/SEG4
RA4
TTL
CMOS General purpose I/O.
C1OUT
—
CMOS Comparator C1 output.
CPS6
AN
—
Capacitive sensing input 6.
T0CKI
ST
—
Timer0 clock input.
SRQ
—
CMOS SR Latch non-inverting output.
CCP5
ST
CMOS Capture/Compare/PWM5.
SEG4
—
AN
LCD Analog output.
RA5/AN4/C2OUT(1)/CPS7/
SRNQ(1)/SS(1)/VCAP(2)/SEG5
RA5
TTL
CMOS General purpose I/O.
AN4
AN
—
A/D Channel 4 input.
C2OUT
—
CMOS Comparator C2 output.
CPS7
AN
—
Capacitive sensing input 7.
SRNQ
—
CMOS SR Latch inverting output.
SS
ST
—
Slave Select input.
VCAP
Power
Power
Filter capacitor for Voltage Regulator (PIC16F193X only).
SEG5
—
AN
LCD Analog output.
Legend: AN = Analog input or output
CMOS = CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note
1:
Pin function is selectable via the APFCON register.
2:
PIC16F193X devices only.
3:
PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices only.
4:
PORTD is available on PIC16F1934/1937/1939/PIC16LF1934/1937/1939 devices only.
5:
RE<2:0> are available on PIC16F1934/1937/1939/PIC16LF1934/1937/1939 devices only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com