Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 75Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 76Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 77Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 78Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 79Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 80Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 81Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 82Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 77
PIC16F193X/LF193X
4.5.5
PIR1 REGISTER
The PIR1 register contains the interrupt flag bits, as
shown in Register 4-5.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE, of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.
REGISTER 4-5:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
R/W-0/0
R/W-0/0
R-0/0
R-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
TMR1GIF: Timer1 Gate Interrupt Flag bit
1
= Timer1 Gate is inactive
0
= Timer1 Gate is active
bit 6
ADIF: A/D Converter Interrupt Flag bit
1
= A/D conversion complete (must be cleared in software)
0
= A/D conversion has not completed or has not been started
bit 5
RCIF: USART Receive Interrupt Flag bit
1
= The USART receive buffer is full (cleared by reading RCREG)
0
= The USART receive buffer is not full
bit 4
TXIF: USART Transmit Interrupt Flag bit
1
= The USART transmit buffer is empty (cleared by writing to TXREG)
0
= The USART transmit buffer is full
bit 3
SSPIF: Synchronous Serial Port (SSP) Interrupt Flag bit
1
= The Transmission/Reception is complete (must be cleared in software)
0
= Waiting to Transmit/Receive
bit 2
CCP1IF: CCP1 Interrupt Flag bit
Capture mode:
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare mode:
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM mode:
Unused in this mode
bit 1
TMR2IF: Timer2 to PR2 Interrupt Flag bit
1
= A Timer2 to PR2 match occurred (must be cleared in software)
0
= No Timer2 to PR2 match occurred
bit 0
TMR1IF: Timer1 Overflow Interrupt Flag bit
1
= The TMR1 register overflowed (must be cleared in software)
0
= The TMR1 register did not overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com