Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 35Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 36Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 37Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 38Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 39Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 40Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 41Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 42Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 37
PIC16F193X/LF193X
Bank 2
100h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
101h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
102h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
103h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
104h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
105h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
106h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
107h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
108h(2)
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000 ---0 0000
109h(2)
WREG
Working Register
0000 0000 uuuu uuuu
10Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
10Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
10Ch
LATA
PORTA Data Latch
xxxx xxxx uuuu uuuu
10Dh
LATB
PORTB Data Latch
xxxx xxxx uuuu uuuu
10Eh
LATC
PORTC Data Latch
xxxx xxxx uuuu uuuu
10Fh(3)
LATD
PORTD Data Latch
xxxx xxxx uuuu uuuu
110h
LATE
—
—
—
—
LATE3
LATE2(3)
LATE1(3)
LATE0(3)
---- -xxx ---- -uuu
111h
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC 0000 -100 0000 -100
112h
CM1CON1
C1INTP
C1INTN
C1PCH1
C1PCH0
—
—
C1NCH1
C1NCH0
0000 --00 0000 --00
113h
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC 0000 -100 0000 -100
114h
CM2CON1
C2INTP
C2INTN
C2PCH1
C2PCH0
—
—
C2NCH1
C2NCH0
0000 --00 0000 --00
115h
CMOUT
—
—
—
—
—
—
MC2OUT
MC1OUT ---- --00 ---- --00
116h
BORCON
SBOREN
—
—
—
—
—
—
BORRDY 1--- ---q u--- ---u
117h
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
CDAFVR1
CDAFVR0
ADFVR1
ADFVR0
0q00 0000 0q00 0000
118h
DACCON0
DACEN
DACLPS
DACOE
---
DACPSS1
DACPSS0
---
DACNSS 000- 00-0 000- 00-0
119h
DACCON1
---
---
---
DACR4
DACR3
DACR2
DACR1
DACR0
---0 0000 ---0 0000
11Ah
SRCON0
SRLEN
SRCLK2
SRCLK1
SRCLK0
SRQEN
SRNQEN
SRPS
SRPR
0000 0000 0000 0000
11Bh
SRCON1
SRSPE
SRSCKE
SRSC2E
SRSC1E
SRRPE
SRRCKE
SRRC2E
SRRC1E 0000 0000 0000 0000
11Ch
—
Unimplemented
—
—
11Dh
APFCON
—
CCP3SEL
T1GSEL
P2BSEL
SRNQSEL
C2OUTSEL
SSSEL
CCP2SEL -000 0000 -000 0000
11Eh
—
Unimplemented
—
—
11Fh
—
Unimplemented
—
—
TABLE 2-13:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are transferred
to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com