Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 31Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 32Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 33Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 34Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 35Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 36Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 37Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 38Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 33
PIC16F193X/LF193X
TABLE 2-10:
PIC16F1933/1936/1938
MEMORY MAP, BANK 15
TABLE 2-11:
PIC16F1934/1937/1939
MEMORY MAP, BANK 15
Legend:
= Unimplemented data memory locations,
read as ‘0’.
Bank 15
791h
LCDCON
792h
LCDPS
793h
LCDREF
794h
LCDCST
795h
LCDRL
796h
—
797h
—
798h
LCDSE0
799h
LCDSE1
79Ah
—
79Bh
—
79Ch
—
79Dh
—
79Eh
—
79Fh
—
7A0h
LCDDATA0
7A1h
LCDDATA1
7A2h
—
7A3h
LCDDATA3
7A4h
LCDDATA4
7A5h
—
7A6h
LCDDATA6
7A7h
LCDDATA7
7A8h
—
7A9h
LCDDATA9
7AAh
LCDDATA10
7ABh
—
7ACh
—
7ADh
—
7AEh
—
7AFh
—
7B0h
—
7B1h
—
7B2h
—
7B3h
—
7B4h
—
7B5h
—
7B6h
—
7B7h
—
7B8h
Unimplemented
Read as ‘0’
7EFh
Legend:
= Unimplemented data memory locations,
read as ‘0’.
Bank 15
791h
LCDCON
792h
LCDPS
793h
LCDREF
794h
LCDCST
795h
LCDRL
796h
—
797h
—
798h
LCDSE0
799h
LCDSE1
79Ah
LCDSE2
79Bh
—
79Ch
—
79Dh
—
79Eh
—
79Fh
—
7A0h
LCDDATA0
7A1h
LCDDATA1
7A2h
LCDDATA2
7A3h
LCDDATA3
7A4h
LCDDATA4
7A5h
LCDDATA5
7A6h
LCDDATA6
7A7h
LCDDATA7
7A8h
LCDDATA8
7A9h
LCDDATA9
7AAh
LCDDATA10
7ABh
LCDDATA11
7ACh
—
7ADh
—
7AEh
—
7AFh
—
7B0h
—
7B1h
—
7B2h
—
7B3h
—
7B4h
—
7B5h
—
7B6h
—
7B7h
—
7B8h
Unimplemented
Read as ‘0’
7EFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com