Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 37Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 38Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 39Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 40Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 41Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 42Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 43Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 44Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 39
PIC16F193X/LF193X
Bank 4
200h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
201h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
202h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
203h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
204h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
205h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
206h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
207h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
208h(2)
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000 ---0 0000
209h(2)
WREG
Working Register
0000 0000 uuuu uuuu
20Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
20Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
20Ch
—
Unimplemented
—
—
20Dh
WPUB
WPUB7
WPUB6
WPUB5
WPUB4
WPUB3
WPUB2
WPUB1
WPUB0
1111 1111 1111 1111
20Eh
—
Unimplemented
—
—
20Fh
—
Unimplemented
—
—
210h
WPUE
—
—
—
—
WPUE3
—
—
—
---- 1--- ---- 1---
211h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx uuuu uuuu
212h
SSPADD
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
0000 0000 0000 0000
213h
SSPMSK
MSK7
MSK6
MSK5
MSK4
MSK3
MSK2
MSK1
MSK0
1111 1111 1111 1111
214h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000 0000 0000
215h
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000 0000 0000
216h
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000 0000 0000
217h
SSPCON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000 0000 0000
218h
—
Unimplemented
—
—
219h
—
Unimplemented
—
—
21Ah
—
Unimplemented
—
—
21Bh
—
Unimplemented
—
—
21Ch
—
Unimplemented
—
—
21Dh
—
Unimplemented
—
—
21Eh
—
Unimplemented
—
—
21Fh
—
Unimplemented
—
—
TABLE 2-13:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are transferred
to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com