Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 87Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 88Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 89Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 90Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 91Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 92Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 93Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 94Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 89
PIC16F193X/LF193X
6.3
PORTB and TRISB Registers
PORTB is an 8-bit wide, bidirectional port. The
corresponding
data
direction
register
is
TRISB
(Register 6-9). Setting a TRISB bit (= 1) will make the
corresponding PORTB pin an input (i.e., put the
corresponding output driver in a High-Impedance mode).
Clearing a TRISB bit (= 0) will make the corresponding
PORTB pin an output (i.e., enable the output driver and
put the contents of the output latch on the selected pin).
Example 6-2 shows how to initialize PORTB.
Reading the PORTB register (Register 6-6) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then written
to the PORT data latch.
The TRISB register (Register 6-9) controls the PORTB
pin output drivers, even when they are being used as
analog inputs. The user should ensure the bits in the
TRISB register are maintained set when using them as
analog inputs. I/O pins configured as analog input always
read ‘0’. Example 6-2 shows how to initialize PORTB.
EXAMPLE 6-2:
INITIALIZING PORTB
6.3.1
WEAK PULL-UPS
Each of the PORTB pins has an individually configurable
internal weak pull-up. Control bits WPUB<7:0> enable or
disable each pull-up (see Register 6-8). Each weak
pull-up is automatically turned off when the port pin is
configured as an output. All pull-ups are disabled on a
Power-on Reset by the WPUEN bit of the OPTION
register.
6.3.2
INTERRUPT-ON-CHANGE
All of the PORTB pins are individually configurable as an
interrupt-on-change pin. Control bits IOCB<7:0> enable
or disable the interrupt function for each pin. The
interrupt-on-change feature is disabled on a Power-on
Reset. Reference Section 7.0 “Interrupt-On-Change”
for more information.
Note:
The ANSELB register must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
BANKSEL PORTB
;
CLRF
PORTB
;Init PORTB
BANKSEL ANSELB
CLRF
ANSELB
;Make RB<7:0> digital
BANKSEL TRISB
;
MOVLW
B
’11110000’ ;Set RB<7:4> as inputs
;and RB<3:0> as outputs
MOVWF
TRISB
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com