Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 33Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 34Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 35Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 36Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 37Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 38Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 39Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 40Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 35
PIC16F193X/LF193X
TABLE 2-13:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
Bank 0
000h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
001h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
002h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
003h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
004h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
005h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
006h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
007h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
008h(2)
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000 ---0 0000
009h(2)
WREG
Working Register
0000 0000 uuuu uuuu
00Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
00Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
00Ch
PORTA
PORTA Data Latch when written: PORTA pins when read
xxxx xxxx uuuu uuuu
00Dh
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx uuuu uuuu
00Eh
PORTC
PORTC Data Latch when written: PORTC pins when read
xxxx xxxx uuuu uuuu
00Fh(3)
PORTD
PORTD Data Latch when written: PORTD pins when read
xxxx xxxx uuuu uuuu
010h
PORTE
—
—
—
—RE3
RE2(3)
RE1(3)
RE0(3)
---- xxxx ---- uuuu
011h
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000 0000 0000
012h
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
—
CCP2IF
0000 00-0 0000 00-0
013h
PIR3
—
CCP5IF
CCP4IF
CCP3IF
TMR6IF
—TMR4IF
—
-000 0-0- -000 0-0-
014h
PIR4
Unimplemented
—
—
015h
TMR0
Timer0 Module Register
xxxx xxxx uuuu uuuu
016h
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
017h
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
018h
T1CON
TMR1CS1
TMR1CS0
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
—TMR1ON 0000 00-0 uuuu uu-u
019h
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS1
T1GSS0
0000 0x00 uuuu uxuu
01Ah
TMR2
Timer 2 Module Register
0000 0000 0000 0000
01Bh
PR2
Timer 2 Period Register
1111 1111 1111 1111
01Ch
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0
TMR2ON
T2CKPS1 T2CKPS0 -000 0000 -000 0000
01Dh
—
Unimplemented
—
—
01Eh
CPSCON0
CPSON
—
—
—
CPSRNG1 CPSRNG0 CPSOUT
T0XCS
0--- 0000 0--- 0000
01Fh
CPSCON1
—
—
—
—
CPSCH3
CPSCH2
CPSCH1
CPSCH0 ---- 0000 ---- 0000
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are transferred
to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com