Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 29Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 30Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 31Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 32Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 33Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 34Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 35Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 36Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 418 page
background image
TABLE 2-8:
PIC16F193X/LF193X MEMORY MAP, BANKS 16-23
Legend:
= Unimplemented data memory locations, read as ‘0’.
BANK 16
BANK 17
BANK 18
BANK 19
BANK 20
BANK 21
BANK 22
BANK 23
800h
INDF0
880h
INDF0
900h
INDF0
980h
INDF0
A00h
INDF0
A80h
INDF0
B00h
INDF0
B80h
INDF0
801h
INDF1
881h
INDF1
901h
INDF1
981h
INDF1
A01h
INDF1
A81h
INDF1
B01h
INDF1
B81h
INDF1
802h
PCL
882h
PCL
902h
PCL
982h
PCL
A02h
PCL
A82h
PCL
B02h
PCL
B82h
PCL
803h
STATUS
883h
STATUS
903h
STATUS
983h
STATUS
A03h
STATUS
A83h
STATUS
B03h
STATUS
B83h
STATUS
804h
FSR0L
884h
FSR0L
904h
FSR0L
984h
FSR0L
A04h
FSR0L
A84h
FSR0L
B04h
FSR0L
B84h
FSR0L
805h
FSR0H
885h
FSR0H
905h
FSR0H
985h
FSR0H
A05h
FSR0H
A85h
FSR0H
B05h
FSR0H
B85h
FSR0H
806h
FSR1L
886h
FSR1L
906h
FSR1L
986h
FSR1L
A06h
FSR1L
A86h
FSR1L
B06h
FSR1L
B86h
FSR1L
807h
FSR1H
887h
FSR1H
907h
FSR1H
987h
FSR1H
A07h
FSR1H
A87h
FSR1H
B07h
FSR1H
B87h
FSR1H
808h
BSR
888h
BSR
908h
BSR
988h
BSR
A08h
BSR
A88h
BSR
B08h
BSR
B88h
BSR
809h
WREG
889h
WREG
909h
WREG
989h
WREG
A09h
WREG
A89h
WREG
B09h
WREG
B89h
WREG
80Ah
PCLATH
88Ah
PCLATH
90Ah
PCLATH
98Ah
PCLATH
A0Ah
PCLATH
A8Ah
PCLATH
B0Ah
PCLATH
B8Ah
PCLATH
80Bh
INTCON
88Bh
INTCON
90Bh
INTCON
98Bh
INTCON
A0Bh
INTCON
A8Bh
INTCON
B0Bh
INTCON
B8Bh
INTCON
80Ch
—
88Ch
—
90Ch
—
98Ch
—A0Ch
—A8Ch
—B0Ch
—B8Ch
—
80Dh
—
88Dh
—
90Dh
—
98Dh
—A0Dh
—A8Dh
—B0Dh
—B8Dh
—
80Eh
—88Eh
—90Eh
—98Eh
—A0Eh
—A8Eh
—B0Eh
—B8Eh
—
80Fh
—88Fh
—90Fh
—98Fh
—A0Fh
—A8Fh
—B0Fh
—B8Fh
—
810h
—890h
—910h
—990h
—A10h
—A90h
—B10h
—B90h
—
811h
—891h
—911h
—991h
—A11h
—A91h
—B11h
—B91h
—
812h
—892h
—912h
—992h
—A12h
—A92h
—B12h
—B92h
—
813h
—893h
—913h
—993h
—A13h
—A93h
—B13h
—B93h
—
814h
—894h
—914h
—994h
—A14h
—A94h
—B14h
—B94h
—
815h
—895h
—915h
—995h
—A15h
—A95h
—B15h
—B95h
—
816h
—896h
—916h
—996h
—A16h
—A96h
—B16h
—B96h
—
817h
—897h
—917h
—997h
—A17h
—A97h
—B17h
—B97h
—
818h
—898h
—918h
—998h
—A18h
—A98h
—B18h
—B98h
—
819h
—899h
—919h
—999h
—A19h
—A99h
—B19h
—B99h
—
81Ah
—89Ah
—91Ah
—99Ah
—A1Ah
—A9Ah
—B1Ah
—B9Ah
—
81Bh
—89Bh
—91Bh
—99Bh
—A1Bh
—A9Bh
—B1Bh
—B9Bh
—
81Ch
—
89Ch
—
91Ch
—
99Ch
—A1Ch
—A9Ch
—B1Ch
—B9Ch
—
81Dh
—
89Dh
—
91Dh
—
99Dh
—A1Dh
—A9Dh
—B1Dh
—B9Dh
—
81Eh
—89Eh
—91Eh
—99Eh
—A1Eh
—A9Eh
—B1Eh
—B9Eh
—
81Fh
—89Fh
—91Fh
—99Fh
—A1Fh
—A9Fh
—B1Fh
—B9Fh
—
820h
Unimplemented
Read as ‘0’
8A0h
Unimplemented
Read as ‘0’
920h
Unimplemented
Read as ‘0’
9A0h
Unimplemented
Read as ‘0’
A20h
Unimplemented
Read as ‘0’
AA0h
Unimplemented
Read as ‘0’
B20h
Unimplemented
Read as ‘0’
BA0h
Unimplemented
Read as ‘0’
86Fh
8EFh
96Fh
9EFh
A6Fh
AEFh
B6Fh
BEFh
870h
Accesses
70h – 7Fh
8F0h
Accesses
70h – 7Fh
970h
Accesses
70h – 7Fh
9F0h
Accesses
70h – 7Fh
A70h
Accesses
70h – 7Fh
AF0h
Accesses
70h – 7Fh
B70h
Accesses
70h – 7Fh
BF0h
Accesses
70h – 7Fh
87Fh
8FFh
97Fh
9FFh
A7Fh
AFFh
B7Fh
BFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com