Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 97Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 98Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 99Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 100Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 101Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 102Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 103Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 104Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 99
PIC16F193X/LF193X
6.6
PORTE and TRISE Registers
PORTE(1) is a 4-bit wide, bidirectional port. The
corresponding data direction register is TRISE. Setting a
TRISE bit (= 1) will make the corresponding PORTE pin
an input (i.e., put the corresponding output driver in a
High-Impedance mode). Clearing a TRISE bit (= 0) will
make the corresponding PORTE pin an output (i.e.,
enable the output driver and put the contents of the
output latch on the selected pin). The exception is RE3,
which is input only and its TRIS bit will always read as
‘1’. Example 6-5 shows how to initialize PORTE.
Reading the PORTE register (Register 6-18) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then
written to the PORT data latch. RE3 reads ‘0’ when
MCLRE = 1.
EXAMPLE 6-5:
INITIALIZING PORTE
Note 1: RE<2:0>
and
TRISE<2:0>
pins
are
available
on
PIC16F1936
and
PIC16F1938 only.
BANKSEL PORTE
;
CLRF
PORTE
;Init PORTE
BANKSEL ANSELE
;
CLRF
ANSELE
;digital I/O
BANKSEL TRISE
;
MOVLW
B‘00001100’
;Set RE<3:2> as inputs
MOVWF
TRISE
;and set RE<1:0>
;as outputs
REGISTER 6-18:
PORTE: PORTE REGISTER
U-0
U-0
U-0
U-0
R-x/u
R/W-x/u
R/W-x/u
R/W-x/u
—
—
—
—
RE3
RE2(1)
RE1(1)
RE0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
RE<3:0>: PORTE I/O Pin bits(1)
1
= Port pin is > VIH
0
= Port pin is < VIL
Note 1:
RE<2:0> are not implemented on the PIC16F1933/1936/1938. Read as ‘0’.
REGISTER 6-19:
LATE: PORTE DATA LATCH REGISTER
U-0
U-0
U-0
U-0
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
—
—
—
—
LATE3
LATE2
LATE1
LATE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
LATE<3:0>: PORTE Output Latch Value bits(1)
Note 1:
Writes to PORTE are actually written to corresponding LATE register. Reads from PORTE register is
return of actual I/O pin values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com