Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 102Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 103Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 104Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 105Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 106Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 107Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 108Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 109Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 104
Preliminary
© 2008 Microchip Technology Inc.
REGISTER 7-1:
IOCBP: INTERRUPT-ON-CHANGE POSITIVE EDGE REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
IOCBP7
IOCBP6
IOCBP5
IOCBP4
IOCBP3
IOCBP2
IOCBP1
IOCBP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
IOCBP<7:0>: Interrupt-on-Change Positive Edge Enable bits
1
= Interrupt-on-Change enabled on the pin for a positive going edge. Associated Status bit and
interrupt flag will be set upon detecting an edge.
0
= Interrupt-on-Change disabled for the associated pin.
REGISTER 7-2:
IOCBN: INTERRUPT-ON-CHANGE NEGATIVE EDGE REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
IOCBN7
IOCBN6
IOCBN5
IOCBN4
IOCBN3
IOCBN2
IOCBN1
IOCBN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
IOCBN<7:0>: Interrupt-on-Change Negative Edge Enable bits
1
= Interrupt-on-Change enabled on the pin for a negative going edge. Associated Status bit and
interrupt flag will be set upon detecting an edge.
0
= Interrupt-on-Change disabled for the associated pin.
REGISTER 7-3:
IOCBF: INTERRUPT-ON-CHANGE FLAG REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
IOCBF7
IOCBF6
IOCBF5
IOCBF4
IOCBF3
IOCBF2
IOCBF1
IOCBF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
IOCBF<7:0>: Interrupt-on-Change Flag bits
1
= An enabled change was detected on the associated pin.
Set when IOCBPx = 1 and a rising edge was detected on RBx, or when IOCBNx = 1 and a falling
edge was detected on RBx.
0
= No change was detected, or the user cleared the detected change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com