Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SS Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 109Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 110Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 111Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 112Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 113Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 114Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 115Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 116Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 111
PIC16F193X/LF193X
8.4.4
EXTERNAL RC MODE
The external Resistor-Capacitor (RC) modes support
the use of an external RC circuit. This allows the
designer maximum flexibility in frequency choice while
keeping costs to a minimum when clock accuracy is not
required.
The RC circuit connects to OSC1. OSC2/CLKOUT is
available for general purpose I/O or CLKOUT.
Figure 8-5 shows the external RC mode connections.
FIGURE 8-5:
EXTERNAL RC MODES
The RC oscillator frequency is a function of the supply
voltage, the resistor (REXT) and capacitor (CEXT) values
and the operating temperature. Other factors affecting
the oscillator frequency are:
• threshold voltage variation
• component tolerances
• packaging variations in capacitance
The user also needs to take into account variation due
to tolerance of external RC components used.
8.5
Internal Clock Modes
The oscillator module has three independent, internal
oscillators that can be configured or selected as the
system clock source.
1.
The
HFINTOSC
(High-Frequency
Internal
Oscillator) is factory calibrated and operates at
16 MHz. The frequency of the HFINTOSC can
be
user-adjusted
via
software
using
the
OSCTUNE register (Register 8-3).
2.
The MFINTOSC (Medium-Frequency Internal
Oscillator) is factory calibrated and operates at
500 kHz. The frequency of the MFINTOSC can
be
user-adjusted
via
software
using
the
OSCTUNE register (Register 8-3).
3.
The
LFINTOSC
(Low-Frequency
Internal
Oscillator) is uncalibrated and operates at
31 kHz.
The system clock speed can be selected via software
using the Internal Oscillator Frequency Select bits
IRCF<2:0> of the OSCCON register.
The system clock can be selected between external or
internal clock sources via the System Clock Selection
(SCS) bits of the OSCCON register. See Section 8.6
“Clock Switching” for more information.
8.5.1
INTOSC MODE
The INTOSC mode configures the internal oscillators
as the system clock source when the device is
programmed using the oscillator selection or the
FOSC<2:0> bits in the Configuration Word Register 1
(CONFIG1).
In INTOSC mode, OSC1/CLKIN is available for general
purpose I/O. OSC2/CLKOUT is available for general
purpose I/O or CLKOUT.
OSC2/CLKOUT
CEXT
REXT
PIC® MCU
OSC1/CLKIN
FOSC/4 or
Internal
Clock
VDD
VSS
Recommended values: 10 k
Ω ≤ REXT ≤ 100 kΩ, <3V
3 k
Ω ≤ REXT ≤ 100 kΩ, 3-5V
CEXT > 20 pF, 2-5V
Note
1:
Output depends upon CLKOUTEN bit of the
Configuration Word 1.
I/O(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com