Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 105Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 106Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 180 page
background image
Pulse Width Modulator
PWM Data Registers
General Release Specification
Pulse Width Modulator
10.5 PWM Data Registers
The pulse width of the PWM waveform is controlled by the two data
registers PWMA and PWMB. Each data register can be accessed from
one of two locations, PWMx-D (direct) and PWMx-I (interlock). A write
interlock and buffer mechanism is used to permit their contents to be
updated simultaneously, preventing undesirable glitching of the
associated port A I/O. See 10.7 PWM Operation in User Mode.
The PWMA and PWMB data registers have been mapped to two
different addresses: the direct address and the interlock address. The
PWMA-D direct address is $10 and the PWMA-I interlock address is
$11. The PWMB-D direct address is $12 and the PWMB-I interlock
address is $13. A read from either the direct or the interlock address will
read the PWM active register. A write to either address will write to the
PWM buffer register.
Address:
$0010
Bit 7
654321
Bit 0
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
Reset:
Unaffected by Reset
Figure 10-12. PWMA-D Data Register (PWMA-D)
Address:
$0011
Bit 7
654321
Bit 0
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
Reset:
Unaffected by Reset
Figure 10-13. PWMA-I Data Register (PWMA-I)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com