Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 106Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 180 page
background image
Pulse Width Modulator
MC68HC705MC4 — Rev. 2.0
Pulse Width Modulator
10.6 PWM during Resets
The PWM subsystem has two types of resets. One is a hardware reset
denoted by RESET. The other is a PWM reset denoted by PRESET.
After a RESET, the user should write to the data registers RATE, CTL-B,
then CTL-A (in that order). This will avoid an erroneous duty cycle from
being driven on any of the selected PWM port pins.
To save power, a PRESET condition is possible by clearing the MEB bit
and the CSB[3:1] bits in CTL-B, then the MEA bit and the CSA[3:1] bits
in CTL-A. This disables the PWM subsystem, resets the 8-bit counters,
resets the clock generator, and sets the port pins to the state defined by
the respective port data registers and data direction registers. PRESET
preserves the value of the PWMx-D registers written to them before the
PRESET condition. Activating the PWM after a PRESET will commence
operation of these preserved values.
The data registers are unaffected by RESET. The CTL-x registers are
cleared by RESET.
Address:
$0012
Bit 7
654321
Bit 0
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
Reset:
Unaffected by Reset
Figure 10-14. PWMB-D Data Register (PWMB-D)
Address:
$0013
Bit 7
654321
Bit 0
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
Reset:
Unaffected by Reset
Figure 10-15. PWMB-I Data Register (PWMB-I)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com