Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3725 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725
Description  Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725 Datasheet(HTML) 44 Page - Texas Instruments

Back Button DM3725 Datasheet HTML 40Page - Texas Instruments DM3725 Datasheet HTML 41Page - Texas Instruments DM3725 Datasheet HTML 42Page - Texas Instruments DM3725 Datasheet HTML 43Page - Texas Instruments DM3725 Datasheet HTML 44Page - Texas Instruments DM3725 Datasheet HTML 45Page - Texas Instruments DM3725 Datasheet HTML 46Page - Texas Instruments DM3725 Datasheet HTML 47Page - Texas Instruments DM3725 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 268 page
background image
DM3730, DM3725
SPRS685 – AUGUST 2010
www.ti.com
For a full description of the sys_clkreq control, see Power, Reset, and Clock Management chapter of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4).
(12) The drive strength of these IOs is set according to the programmable load range: 2 pF to 4 pF per default or 4 pF to 12 pF. For a full
description of the drive strength programming, see the System Control Module chapter of the AM/DM37x Multimedia Device Technical
Reference Manual (literature number SPRUGN4).
(13) In the safe_mode_out1, the buffer is configured to drive 1.
(14) Mux0 if sys_boot6 is pulled down (clock master).
Table 2-2. Ball Characteristics (CBC Pkg.)(5)
BALL
BALL TOP
PIN NAME [3]
MODE [4]
TYPE [5]
BALL
BALL RESET RESET
POWER [9] HYS [10]
BUFFER
PULLUP
IO CELL
BOTTOM
[2]
RESET
REL. STATE
REL. MODE
STRENGTH /DOWN
[13]
[1]
STATE [6]
[7]
[8]
(mA) [11]
TYPE [12]
AE16
NA
cam_d0
0
I
L
L
7
vdda
Yes
NA
PU/ PD
LVCMOS
gpio_99
4
I
safe_mode
7
-
AE15
NA
cam_d1
0
I
L
L
7
vdda
Yes
NA
PU/ PD
LVCMOS
gpio_100
4
I
safe_mode
7
-
AD17
NA
gpio_112
4
I
L
L
7
vdda
Yes
NA
PU/ PD
LVCMOS
safe_mode
7
-
AE18
NA
gpio_114
4
I
L
L
7
vdda
Yes
NA
PU/ PD
LVCMOS
safe_mode
7
-
AD16
NA
gpio_113
4
I
L
L
7
vdda
Yes
NA
PU/ PD
LVCMOS
safe_mode
7
-
gpio_115
4
I
AE17
NA
safe_mode
7
-
L
L
7
vdda
Yes
NA
PU/ PD
LVCMOS
NA
G20
sdrc_a0
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
K20
sdrc_a1
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
J20
sdrc_a2
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
J21
sdrc_a3
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
U21
sdrc_a4
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
R20
sdrc_a5
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
M21
sdrc_a6
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
M20
sdrc_a7
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
N20
sdrc_a8
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
K21
sdrc_a9
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
Y16
sdrc_a10
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
N21
sdrc_a11
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
R21
sdrc_a12
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
AA15
sdrc_a13
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
Y12
sdrc_a14
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
AA18
sdrc_ba0
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
V20
sdrc_ba1
0
O
0
0
0
vdds
NA
4
(1)
PU/ PD
LVCMOS
NA
Y15
sdrc_cke0
0
O
H
1
7
vdds
NA
4
(1)
PU/ PD
LVCMOS
safe_mode_out1
(6)
7
NA
Y13
sdrc_cke1
0
O
H
1
7
vdds
NA
4
(1)
PU/ PD
LVCMOS
safe_mode_out1
(6)
7
NA
A12
sdrc_clk
0
IO
L
0
0
vdds
Yes
4
(1)
PU/ PD
LVCMOS
NA
D1
sdrc_d0
0
IO
L
Z
0
vdds
Yes
4
(1)
PU/ PD
LVCMOS
NA
G1
sdrc_d1
0
IO
L
Z
0
vdds
Yes
4
(1)
PU/ PD
LVCMOS
NA
G2
sdrc_d2
0
IO
L
Z
0
vdds
Yes
4
(1)
PU/ PD
LVCMOS
NA
E1
sdrc_d3
0
IO
L
Z
0
vdds
Yes
4
(1)
PU/ PD
LVCMOS
NA
D2
sdrc_d4
0
IO
L
Z
0
vdds
Yes
4
(1)
PU/ PD
LVCMOS
NA
E2
sdrc_d5
0
IO
L
Z
0
vdds
Yes
4
(1)
PU/ PD
LVCMOS
NA
B3
sdrc_d6
0
IO
L
Z
0
vdds
Yes
4
(1)
PU/ PD
LVCMOS
NA
B4
sdrc_d7
0
IO
L
Z
0
vdds
Yes
4
(1)
PU/ PD
LVCMOS
NA
A10
sdrc_d8
0
IO
L
Z
0
vdds
Yes
4
(1)
PU/ PD
LVCMOS
NA
B11
sdrc_d9
0
IO
L
Z
0
vdds
Yes
4
(1)
PU/ PD
LVCMOS
44
TERMINAL DESCRIPTION
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com