Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3725 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725
Description  Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725 Datasheet(HTML) 94 Page - Texas Instruments

Back Button DM3725 Datasheet HTML 90Page - Texas Instruments DM3725 Datasheet HTML 91Page - Texas Instruments DM3725 Datasheet HTML 92Page - Texas Instruments DM3725 Datasheet HTML 93Page - Texas Instruments DM3725 Datasheet HTML 94Page - Texas Instruments DM3725 Datasheet HTML 95Page - Texas Instruments DM3725 Datasheet HTML 96Page - Texas Instruments DM3725 Datasheet HTML 97Page - Texas Instruments DM3725 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 268 page
background image
DM3730, DM3725
SPRS685 – AUGUST 2010
www.ti.com
Table 2-6. External Memory Interfaces – SDRC Signals Description(1) (continued)
SIGNAL
DESCRIPTION
TYPE(2)
BALL
BALL TOP
BALL BOTTOM
BALL TOP
BALL BOTTOM
NAME
BOTTOM
(CBP Pkg.)
(CBC Pkg.)
(CBC Pkg.)
(CUS Pkg.)
(CBP Pkg.)
sdrc_ncs1
Chip select 1
O
NA
M23
NA
T20
B19
sdrc_clk
Clock
IO
NA
A11
NA
A12
A10
sdrc_nclk
Clock Invert
O
NA
B11
NA
B13
A11
sdrc_cke0
Clock Enable 0
O
NA
J22
NA
Y15
B20
sdrc_cke1
Clock Enable 1
O
NA
J23
NA
Y13
C20
sdrc_nras
SDRAM Row Access
O
NA
L23
NA
V21
D19
sdrc_ncas
SDRAM column
O
NA
L22
NA
U20
C19
address strobe
sdrc_nwe
SDRAM write enable
O
NA
K23
NA
Y18
A20
sdrc_dm 0
Data Mask 0
O
NA
C1
NA
H1
B6
sdrc_ dm1
Data Mask 1
O
NA
A17
NA
A14
B13
sdrc_ dm2
Data Mask 2
O
NA
A6
NA
A4
A7
sdrc_dm 3
Data Mask 3
O
NA
A20
NA
A18
A16
sdrc_dqs0
Data Strobe 0
IO
NA
B17
NA
C2
A5
sdrc_dqs1
Data Strobe 1
IO
NA
NA
NA
B15
A13
sdrc_dqs2
Data Strobe 2
IO
NA
NA
NA
B8
A8
sdrc_dqs3
Data Strobe 3
IO
NA
B20
NA
A19
A17
(1) NA in this table stands for "Not Applicable".
(2) Type = Ball type for this specific function (I = Input, O = Output, Z = High-impedance, D = Open Drain, DS = Differential, A = Analog).
(3) For a list of pins not supported on a particular package, see TBD.
94
TERMINAL DESCRIPTION
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com