Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3725 Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725
Description  Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725 Datasheet(HTML) 115 Page - Texas Instruments

Back Button DM3725 Datasheet HTML 111Page - Texas Instruments DM3725 Datasheet HTML 112Page - Texas Instruments DM3725 Datasheet HTML 113Page - Texas Instruments DM3725 Datasheet HTML 114Page - Texas Instruments DM3725 Datasheet HTML 115Page - Texas Instruments DM3725 Datasheet HTML 116Page - Texas Instruments DM3725 Datasheet HTML 117Page - Texas Instruments DM3725 Datasheet HTML 118Page - Texas Instruments DM3725 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 268 page
background image
DM3730, DM3725
www.ti.com
SPRS685 – AUGUST 2010
3
Electrical Characteristics
NOTE
For more information, see the Power Reset and Clock Management / PRCM Environment
section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4).
3.1
Absolute Maximum Ratings
Stresses beyond those listed as absolute maximum ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those listed under "Recommended Operating Conditions" is not implied. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
Table 3-1. Absolute Maximum Rating over Junction Temperature Range
PARAMETER
MIN
MAX
UNIT
vdd_mpu_iva
Supply voltage range for MPU / IVA domain
–0.5
1.5
V
vdd_core
Supply voltage range for core domain
–0.5
1.5
V
vdda_wkup_bg_bb
Supply voltage range for wake-up domain (internal
–0.5
2.6
V
LDO)
vdda_dplls_dll
Supply voltage for MPU, IVA, Core DPLLs, and DLL
–0.5
2.1
V
vdda_dpll_per
Supply voltage for DPLLs (peripherals)
–0.5
2.1
V
vdds_sram
Supply voltage for SRAM LDOs
–0.5
2.6
V
vdda_dac
Supply voltage for video buffers and DAC
–0.5
2.10
V
vdds
Supply voltage for 1.8-V I/O macros
–0.5
2.45
V
vdds_mem
Supply voltage for memory buffers
–0.5
2.45
V
vdds_mmc1
Supply voltage range for mmc1
1.8-V mode
–0.5
2.45
V
dual voltage IOs
3.0-V mode
-0.5
3.80
vdds_x
Supply voltage range for dual
1.8-V mode
–0.5
3.80
V
voltage GPIOs
3.0-V mode
-0.5
3.80
VPAD
mmc1
1.8-V mode
-0.5
2.45
V
3.0-V mode
-0.5
3.80
Video DAC
–0.5
2.10
V
The other balls
–0.5
2.45
V
VESD
ESD stress
HBM (Human Body Model)(2)
TBD
V
voltage(1)
CDM (Charged Device Model)(3)
>250
Iclamp
Clamp current for an input or output
–20
20
mA
TSTG
(4)
Storage temperature range
–65
150
°C
(1) Electrostatic discharge (ESD) to measure device sensitivity/immunity to damage caused by electrostatic discharges into the device.
(2) Level listed above is the passing level per ANSI/ESDA/JEDEC JS-001-2010. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process. Pins listed as 1000V may actually have higher performance.
(3) Level listed above is the passing level per EIA-JEDEC JESD22-C101E. JEDEC document JEP157 states that 250V CDM allows safe
manufacturing with a standard ESD control process. Pins listed as 250V may actually have higher performance.
(4) For tape and reel the storage temperature range is [–10°C; +50°C] with a maximum relative humidity of 70%. It is recommended
returning to ambient room temperature before usage.
Table 3-2 summarizes the power consumption at the ball level.
Copyright © 2010, Texas Instruments Incorporated
Electrical Characteristics
115
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com