Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3725 Datasheet(PDF) 218 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725
Description  Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725 Datasheet(HTML) 218 Page - Texas Instruments

Back Button DM3725 Datasheet HTML 214Page - Texas Instruments DM3725 Datasheet HTML 215Page - Texas Instruments DM3725 Datasheet HTML 216Page - Texas Instruments DM3725 Datasheet HTML 217Page - Texas Instruments DM3725 Datasheet HTML 218Page - Texas Instruments DM3725 Datasheet HTML 219Page - Texas Instruments DM3725 Datasheet HTML 220Page - Texas Instruments DM3725 Datasheet HTML 221Page - Texas Instruments DM3725 Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 268 page
background image
DM3730, DM3725
SPRS685 – AUGUST 2010
www.ti.com
6.6.2.2
McSPI—Master Mode
In master mode, McSPI supports multichannel communication. McSPI initiates a data transfer on the data
lines (SPIDAT [1:0]) and generates clock (SPICLK) and control signals (SPIEN) to a single SPI slave
device at a time.
Table 6-72 and Table 6-75 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-42 and Figure 6-43).
Table 6-71. McSPI Timing Conditions—Master Mode(1)
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Input Conditions
tR
Input signal rise time
4
ns
tF
Input signal fall time
4
ns
Output Conditions
McSPI1, McSPI2, McSPI3, and McSPI4
CLOAD
Output load capacitance for spix_csn signals
20
pF
McSPI2 and McSPI3
CLOAD
Output load capacitance for spix_clk and spix_simo
30
pF
McSPI1 and McSPI4
CLOAD
Output load capacitance for spix_clk and spix_simo
20
pF
(1) Buffer strength configuration: LB0 = 1.
Table 6-72. McSPI1, 2, and 4 Timing Requirements—Master Mode(1) (2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
SM2
tsu(SOMIV-CLKAE) Setup time, mcspix_somi valid before mcspix_clk
1.1
1.5
ns
active edge
SM3
th(SOMIV-CLKAE)
Hold time, mcspix_somi valid after mcspix_clk active
1.9
2.8
ns
edge
(1) In mcspix, x is equal to 1, 2, or 4. In mcspix_csn, n is equal to 0, 1, 2, or 3 for x equal to 1, n is equal to 0 or 1 for x equal to 2 and 4.
(2) See Section 4.3.4, Processor Clocks.
Table 6-73. McSPI1, 2, and 4 Switching Characteristics—Master Mode(1) (6)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
SM0
1/tc(CLK)
Frequency, mcspix_clk
48
24
MHz
SM1
tw(CLK)
Pulse duration, mcspix_clk high or low
0.45*P(3)
0.55*P(3)
0.45*P(3)
0.55*P(3)
ns
tR(clk)
Rise time, output clock mcspi1_clk and mcspi4_clk
5.72
5.68
ns
Rise time, output clock mcspi2_clk
7.33
7.31
tF(clk)
Fall time, output clock mcspi1_clk and mcspi4_clk
5.22
5.21
ns
Fall time, output clock mcspi2_clk
6.77
6.71
SM4
td(CLKAE-SIMOV)
Delay time, mcspix_clk active edge to mcspix_simo
–2.1
5.0
–2.1
11.3
ns
shifted
SM5
td(CSnA-CLKFE)
Delay time, mcspix_csi active to Modes 1 and 3(2)
A(4) – 3.2
A(4) – 4.4
ns
mcspix_clk first edge
Modes 0 and 2(2)
B(5) – 3.2
B(5) – 4.4
ns
SM6
td(CLKLE-CSnI)
Delay time, mcspix_clk last
Modes 1 and 3(2)
B(5) – 3.2
B(5) – 4.4
ns
edge to mcspix_csi inactive
Modes 0 and 2(2)
A(4) – 3.2
A(4) – 4.4
ns
SM7
td(CSnAE-SIMOV)
Delay time, mcspix_csi active edge to mcspix_simo
5.0
11.3
ns
shifted
218
Timing Requirements and Switching Characteristics
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com