Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1178IPAPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 12Page - Texas Instruments ADS1178IPAPR Datasheet HTML 13Page - Texas Instruments ADS1178IPAPR Datasheet HTML 14Page - Texas Instruments ADS1178IPAPR Datasheet HTML 15Page - Texas Instruments ADS1178IPAPR Datasheet HTML 16Page - Texas Instruments ADS1178IPAPR Datasheet HTML 17Page - Texas Instruments ADS1178IPAPR Datasheet HTML 18Page - Texas Instruments ADS1178IPAPR Datasheet HTML 19Page - Texas Instruments ADS1178IPAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
POWER-DOWN (PWDN)
NOTE:(1)InSPIprotocol,thetimingoccursonthefallingedgeof
/FSYNC.Poweringdownallchannelsforces
/FSYNChigh.
DRDY
DRDY
CLK
DRDY/FSYNC
(1)
DOUT
(DiscreteDataOutputMode)
· · ·
· · ·
PWDN
t
NDR
t
PDWN
P
-UpData
ostPower
DOUT1
(TDMMode,DynamicPosition)
NormalPosition
NormalPosition
DataShiftPosition
NormalPosition
NormalPosition
DataRemaininPosition
DOUT1
(TDMMode,FixedPosition)
ADS1174
ADS1178
SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
2. Wait
for
130/fDATA
(SPI)
or
129/fDATA
(Frame-Sync) after taking the PWDN pins high.
The ADS1174/78 measurement channels can be
3. Detect for non-zero data in the powered-up
independently powered down by use of the PWDN
channel.
inputs. To enter the power-down mode, hold the
respective PWDN pin low for at least two fCLK cycles.
After powering up one or more channels, the
To exit power-down, return the corresponding PWDN
channels are synchronized to each other. It is not
pin high. Note that when all channels are powered
necessary to use the SYNC pin to synchronize them.
down, the ADS1174/78 enters a microwatt (
µW)
When a channel is powered down in TDM data
power state where all internal biasing is powered
format, the data for the powered-down channel are
down. In this event, the TEST[1:0] input pins must be
either forced to zero (fixed-position TDM data mode)
driven; all other input pins can float (the ADS1174/78
or replaced by shifting the data from the next channel
outputs remain driven).
into the vacated data position (dynamic-position TDM
As shown in Figure 15 and Table 9, a maximum of
data mode).
130
conversion
cycles
(SPI
interface)
or
129
In discrete data format, the data are always forced to
conversion
cycles
(Frame-Sync
interface)
must
zero.
When
powering-up
a
channel
in
elapse before reading data after exiting power-down.
dynamic-position TDM data format mode, the channel
Data from channels already running are not affected.
data remain packed until the data are ready, at which
The user software can perform the required delay
time the data frame is expanded to include the
time in the following ways:
just-powered channel data. See the Data Format
1. Count the number of data conversions after
section for details.
taking the PWDN pin high.
Figure 15. Power-Down Timing
Table 9. Power-Down Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tPDWN
PDWN pulse width to enter Power-Down mode
2
CLK periods
Time for new data to be ready (SPI)
129
130
Conversions (1/fDATA)
tNDR
Time for new data to be ready (Frame-Sync)
128
129
Conversions (1/fDATA)
16
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com