Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1178IPAPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 15Page - Texas Instruments ADS1178IPAPR Datasheet HTML 16Page - Texas Instruments ADS1178IPAPR Datasheet HTML 17Page - Texas Instruments ADS1178IPAPR Datasheet HTML 18Page - Texas Instruments ADS1178IPAPR Datasheet HTML 19Page - Texas Instruments ADS1178IPAPR Datasheet HTML 20Page - Texas Instruments ADS1178IPAPR Datasheet HTML 21Page - Texas Instruments ADS1178IPAPR Datasheet HTML 22Page - Texas Instruments ADS1178IPAPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
DOUT MODES
TDM Mode
CH1
DOUT1
(
)
ADS1174
SCLK
DRDY
(SPI)
FSYNC
(Frame-Sync)
1
2
16
17
15
32
33
31
48
49
47
64
65
63
67
66
CH1
DOUT1
(
)
ADS1178
113
CH2
CH2
CH3
CH3
CH4
CH4
DIN
CH5
127
CH8
DIN
128
129
130
131
CH1
DOUT1
(
)
ADS1174
CH2
CH3
DIN
CH4
SCLK
DRDY
(SPI)
FSYNC
(Frame-Sync)
1
2
16
17
15
32
33
31
48
49
47
64
65
63
66
67
CH1
DOUT1
(
)
ADS1178
CH2
CH3
CH5
CH4
113
CH8
DIN
127
128
129
130
131
ADS1174
ADS1178
www.ti.com ........................................................................................................................................ SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008
output from another ADS1174, ADS1178, or other
compatible device. Note that when all channels of the
For both SPI and Frame-Sync interface protocols,
ADS1174/78 are powered down, the interface is
either the data are shifted out through individual
powered down, rendering the DIN input powered
channel DOUT pins in a parallel data format (Discrete
down as well. When one or more channels of the
mode), or the data for all channels are shifted out in
device are powered down, the data format of the
series through common pin DOUT1 (TDM mode).
TDM mode can be fixed or dynamic.
TDM Mode, Fixed-Position Data
In time division multiplexed (TDM) data output mode,
In this TDM data output mode, the data position of
the data for all channels are shifted out, in series, on
the channels remains fixed, regardless of whether
a single pin (DOUT1). As shown in Figure 17, the
channels are disabled. If a channel is powered down,
data from channel 1 are shifted out first, followed by
data are forced to zero, but occupy the same position
channel 2 data, etc. After the data from the last
within the data stream. Figure 18 shows the data
channel are shifted out (channel 4 for the ADS1174
stream with channel 1 and channel 3 powered down.
or channel 8 for the ADS1178), the data from the DIN
input follow. DIN is used to daisy-chain the data
Figure 17. TDM Mode (All Channels Enabled)
Figure 18. TDM Mode, Fixed-Position Data (Channels 1 and 3 Shown Powered Down)
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com