Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1178IPAPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 21Page - Texas Instruments ADS1178IPAPR Datasheet HTML 22Page - Texas Instruments ADS1178IPAPR Datasheet HTML 23Page - Texas Instruments ADS1178IPAPR Datasheet HTML 24Page - Texas Instruments ADS1178IPAPR Datasheet HTML 25Page - Texas Instruments ADS1178IPAPR Datasheet HTML 26Page - Texas Instruments ADS1178IPAPR Datasheet HTML 27Page - Texas Instruments ADS1178IPAPR Datasheet HTML 28Page - Texas Instruments ADS1178IPAPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
APPLICATION INFORMATION
ADS1174
ADS1178
www.ti.com ........................................................................................................................................ SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008
5. Reference Inputs: It is recommended to use
To
obtain
the
specified
performance
from
the
either a minimum 10
µF tantalum with a 0.1µF
ADS1174/78, the following layout and component
ceramic capacitor, or a single 1
µF ceramic
guidelines should be considered.
capacitor, directly across the reference inputs,
1. Power Supplies: The device requires three
VREFP and VREFN. The reference input should
power supplies for operation: DVDD, IOVDD, and
be driven by a low-impedance source. For best
AVDD. The range for DVDD is 1.65V to 1.95V;
performance, the reference should be low-noise.
the range of IOVDD is 1.65V to 3.6V; and AVDD
6. Analog Inputs: The analog input pins must be
is restricted to 4.75V to 5.25V. For all supplies,
driven
differentially
to
achieve
specified
use a 10
µF tantalum capacitor, bypassed with a
performance.
A
true
differential
driver
or
0.1
µF ceramic capacitor, placed close to the
transformer (for ac applications) can be used for
device pins. Alternatively, a single 10
µF ceramic
this purpose. Route the analog inputs tracks
capacitor can be used. The supplies should be
(AINP, AINN) as a pair from the buffer to the
relatively free of noise and should not be shared
converter using short, direct tracks and away
with devices that produce voltage spikes (such as
from digital tracks.
relays, LED display drivers, etc.). If a switching
power-supply source is used, the voltage ripple
A 1nF to 10nF capacitor should be used directly
should be low (< 2mV) and the switching
across the analog input pins, AINP and AINN. A
frequency outside the passband of the converter.
low-k dielectric (such as COG or film type) should
be used to maintain low THD. Capacitors from
2. Ground Plane: A single ground plane connecting
each analog input to ground can be used. They
both AGND and DGND pins can be used. If
should be no larger than 1/10 the size of the
separate digital and analog grounds are used,
difference capacitor (typically 100pF) to preserve
connect the grounds together at the converter, or
the AC common-mode performance.
at the power entry point of the printed circuit
board (PCB).
7. Component Placement: Place the power supply,
analog
input,
and
reference
input
bypass
3. Digital
Inputs:
It
is
recommended
to
capacitors as close as possible to the device
source-terminate the digital inputs to the device
pins. This layout is particularly important for the
with 50
Ω series resistors. The resistors should be
small-value ceramic capacitors. Surface-mount
placed close to the driving end of the digital
components are recommended to avoid the
source (oscillator, logic gates, DSP, etc.) This
higher inductance of leaded components.
placement helps to reduce ringing on the digital
lines,
which
may
lead
to
degraded
ADC
performance.
Figure 26 to Figure 28 illustrate basic connections
4. Analog/Digital Circuits: Place analog circuitry
and
interfaces
that
can
be
used
with
the
(input buffer, reference) and associated tracks
ADS1174/78.
together, keeping them away from digital circuitry
(DSP,
microcontroller,
logic).
Avoid
crossing
digital tracks across analog tracks to reduce
noise coupling and crosstalk.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com