Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1178IPAPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 14Page - Texas Instruments ADS1178IPAPR Datasheet HTML 15Page - Texas Instruments ADS1178IPAPR Datasheet HTML 16Page - Texas Instruments ADS1178IPAPR Datasheet HTML 17Page - Texas Instruments ADS1178IPAPR Datasheet HTML 18Page - Texas Instruments ADS1178IPAPR Datasheet HTML 19Page - Texas Instruments ADS1178IPAPR Datasheet HTML 20Page - Texas Instruments ADS1178IPAPR Datasheet HTML 21Page - Texas Instruments ADS1178IPAPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
DOUT
DRDY/FSYNC (Frame-Sync Format)
DIN
DOUT
FRAME-SYNC SERIAL INTERFACE
DIN
SCLK
ADS1174
ADS1178
SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
will be corrupted. The number of SCLKs within a
frame period (FSYNC clock) can be any power of two
In Discrete Data Output mode, the conversion data
ratio of clock cycles (1, 1/2, 1/4, etc.), as long as the
are output on the individual DOUT pins (DOUT1,
number of cycles is sufficient to shift the data output
DOUT2, etc.), whereas in TDM mode, data are output
from all channels within one data frame.
only on DOUT1. The MSB data are valid on
DOUT[4:1]/[8:1]
when
DRDY
goes
low.
The
subsequent bits are shifted out with each falling edge
of SCLK. If daisy-chaining (TDM mode), the data
In Frame-Sync format, this pin is used as the FSYNC
shifted in using DIN appear on DOUT1 after all
input. The frame-sync input (FSYNC) sets the frame
channel data have been shifted out.
period which must be same as the data rate. The
required number of fCLK cycles to each FSYNC period
depends on the mode selection and the CLKDIN
input. Table 4 indicates the number of CLK cycles to
This input is used when multiple ADS1174/78s are to
each frame (fCLK/fDATA). If the FSYNC period is not
be daisy-chained together. The DOUT1 pin of the first
the proper value, data readback is corrupted.
device connects to the DIN pin of the next, etc. It can
be used with either the SPI or Frame-Sync formats.
Data are shifted in on the falling edge of SCLK. When
using only one ADS1174/78, tie DIN low. See the
In Discrete Data Output mode, the conversion data
Daisy-Chaining section for more information.
are shifted out on the individual DOUT pins (DOUT1,
DOUT2, etc.), whereas in TDM mode, data are output
only on DOUT1. The MSB data become valid on
DOUT[4:1]/[8:1] on the SCLK rising edge prior to
Frame-Sync format is similar to the interface often
FSYNC going high. The subsequent bits are shifted
used
on
audio
ADCs.
It
operates
in
slave
out with each falling edge of SCLK. If daisy-chaining
fashion—the user must supply framing signal FSYNC
(TDM mode), the data shifted in using DIN appear on
(similar to the left/right clock on stereo audio ADCs)
DOUT1 after all channel data have been shifted out
and the serial clock SCLK (similar to the bit clock on
(that is, 4 channels × 16 bits per channel = 64 bits for
audio ADCs). The data is output MSB first or
the ADS1174, and 8 channels × 16 bits per channel =
left-justified. When using Frame-Sync format, the
128 bits for the ADS1178).
FSYNC and SCLK inputs must be continuously
running with the required relationships shown in the
Frame-Sync Timing Requirements.
This input is used when multiple ADS1174/78s are to
be daisy-chained together. It can be used with either
SPI or Frame-Sync formats. Data are shifted in on
The serial clock (SCLK) features a Schmitt-triggered
the falling edge of SCLK. When using only one
input and shifts out data on DOUT on the falling
ADS1174/78, tie DIN low. See the Daisy-Chaining
edge. It also shifts in data on the falling edge on DIN
section for more information.
when this pin is being used for daisy-chaining. Even
though SCLK has hysteresis, it is recommended to
keep SCLK as clean as possible to prevent glitches
from accidentally shifting the data. When using
Frame-Sync format, SCLK must run continuously; if
SCLK is disabled or interrupted, the data readback
18
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com