Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1178IPAPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 13Page - Texas Instruments ADS1178IPAPR Datasheet HTML 14Page - Texas Instruments ADS1178IPAPR Datasheet HTML 15Page - Texas Instruments ADS1178IPAPR Datasheet HTML 16Page - Texas Instruments ADS1178IPAPR Datasheet HTML 17Page - Texas Instruments ADS1178IPAPR Datasheet HTML 18Page - Texas Instruments ADS1178IPAPR Datasheet HTML 19Page - Texas Instruments ADS1178IPAPR Datasheet HTML 20Page - Texas Instruments ADS1178IPAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
FORMAT[2:0]
SERIAL INTERFACE PROTOCOLS
SPI SERIAL INTERFACE
SCLK
DATA FORMAT
DRDY/FSYNC (SPI Format)
) VREF
215 * 1
* VREF
215 * 1
v −VREF
215
215 * 1
DRDY
SCLK
1/f
DATA
1/f
CLK
ADS1174
ADS1178
www.ti.com ........................................................................................................................................ SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008
Data can be read from the ADS1174/78 with two
Data are retrieved from the ADS1174/78 using the
serial interface protocols (SPI or Frame-Sync) and
serial interface. Two protocols are available: SPI and
several options of data formats (TDM/Discrete and
Frame-Sync. The same pins are used for both
Fixed/Dynamic data positions). The FORMAT[2:0]
interfaces: SCLK,
DRDY/FSYNC,
DOUT[4:1]
(or
inputs are used to select among the options. Table 10
DOUT[8:1]
for
the
ADS1178),
and
DIN.
The
lists the available options. See the DOUT Modes
FORMAT[2:0]
pins
select
the
desired
interface
section for details of the DOUT modes and data
protocol.
positions.
Table 10. Data Output Format
The SPI-compatible format is a simple read-only
INTERFACE
DOUT
DATA
interface. Data ready for retrieval are indicated by the
FORMAT[2:0]
PROTOCOL
MODE
POSITION
falling DRDY output and are shifted out on the falling
000
SPI
TDM
Dynamic
edge of SCLK, MSB first. The interface can be
001
SPI
TDM
Fixed
daisy-chained using the DIN input when using
multiple
ADS1174/78s.
See
the
Daisy-Chaining
010
SPI
Discrete
—
section for more information.
011
Frame-Sync
TDM
Dynamic
100
Frame-Sync
TDM
Fixed
101
Frame-Sync
Discrete
—
The serial clock (SCLK) features a Schmitt-triggered
input and shifts out data on DOUT on the falling
edge. It also shifts in data on the falling edge on DIN
when this pin is being used for daisy-chaining. The
The ADS1174/78 outputs 16 bits of data in two’s
device shifts data out on the falling edge and the user
complement format.
typically shifts this data in on the rising edge. Even
A positive full-scale input produces an ideal output
though
the
SCLK
input
has
hysteresis,
it
is
code of 7FFFh, and the negative full-scale input
recommended to keep SCLK as clean as possible to
produces an ideal output code of 8000h. The output
prevent glitches from accidentally shifting the data.
clips at these codes for signals exceeding full-scale.
SCLK may be run as fast as the CLK frequency.
Table 11 summarizes the ideal output codes for
SCLK may be either in free-running or stop-clock
different input signals.
operation
between
conversions.
For
best
performance, use fSCLK/fCLK ratios of 1, 1/2, 1/4, 1/8,
Table 11. Ideal Output Code versus Input Signal
etc. NOTE: One CLK period is required after DRDY
falls, to start shifting data (see Timing Requirements:
INPUT SIGNAL VIN
(AINP – AINN)
IDEAL OUTPUT CODE(1)
SPI Format ).
≥ +VREF
7FFFh
0001h
In the SPI format, this pin functions as the DRDY
output. It goes low when data are ready for retrieval
0
0000h
and then returns high on the falling edge of the first
subsequent SCLK. If data are not retrieved (that is,
FFFFh
SCLK is held low), DRDY pulses high just before the
next conversion data are ready, as shown in
Figure 16. The new data are loaded within one CLK
8000h
cycle before DRDY goes low. All data must be shifted
out before this time to avoid being overwritten.
(1) Excludes effects of noise, INL, offset, and gain errors.
Figure 16. DRDY Timing with No Readback
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com