Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1178IPAPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 19Page - Texas Instruments ADS1178IPAPR Datasheet HTML 20Page - Texas Instruments ADS1178IPAPR Datasheet HTML 21Page - Texas Instruments ADS1178IPAPR Datasheet HTML 22Page - Texas Instruments ADS1178IPAPR Datasheet HTML 23Page - Texas Instruments ADS1178IPAPR Datasheet HTML 24Page - Texas Instruments ADS1178IPAPR Datasheet HTML 25Page - Texas Instruments ADS1178IPAPR Datasheet HTML 26Page - Texas Instruments ADS1178IPAPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
POWER SUPPLIES
DRDY
(SPIProtocol)
DOUT
(Frame-SyncProtocol)
InternalReset
CLK
3Vnom
(1)
AVDD
1Vnom
(1)
IOVDD
1Vnom
(1)
DVDD
ValidData
2
18
f
CLK
129(max)
t
DATA
ADS1174
ADS1178
www.ti.com ........................................................................................................................................ SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008
be sequenced at the same time if the supplies are
tied together. Each supply has an internal reset circuit
The ADS1174/78 has three power supplies: AVDD,
whose outputs are summed together to generate a
DVDD, and IOVDD. AVDD is the analog supply that
global power-on reset. After the supplies have
powers the modulator, DVDD is the digital supply that
exceeded the reset thresholds, 218 fCLK cycles are
powers the digital core, and IOVDD is the digital I/O
counted before the converter initiates the conversion
power supply. The IOVDD and DVDD power supplies
process. Following the CLK cycles, the data for 129
can be tied together if desired (+1.8V). To achieve
conversions are suppressed by the ADS1174/78 to
rated performance, it is critical that the power
allow output of fully-settled data. In SPI protocol,
supplies
are
bypassed
with
0.1
µF and 10µF
DRDY is held high during this interval. In frame-sync
capacitors placed as close as possible to the supply
protocol, DOUT is forced to zero. The power supplies
pins. A single 10
µF ceramic capacitor may be
should be applied before any analog or digital pin is
substituted in place of the two capacitors.
driven. For consistent performance, assert SYNC
after device power-on when data first appear.
Figure 24 shows the start-up sequence of the
ADS1174/78. At power-on, bring up the DVDD supply
first, followed by IOVDD and then AVDD. Check the
power-supply sequence for proper order, including
the ramp rate of each supply. DVDD and IOVDD may
(1) The power-supply reset thresholds are approximate.
Figure 24. Start-Up Sequence
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com