Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6000 Datasheet(PDF) 72 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 72 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 68Page - Intel Corporation Q6000 Datasheet HTML 69Page - Intel Corporation Q6000 Datasheet HTML 70Page - Intel Corporation Q6000 Datasheet HTML 71Page - Intel Corporation Q6000 Datasheet HTML 72Page - Intel Corporation Q6000 Datasheet HTML 73Page - Intel Corporation Q6000 Datasheet HTML 74Page - Intel Corporation Q6000 Datasheet HTML 75Page - Intel Corporation Q6000 Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
Thermal Specifications and Design Considerations
72
Datasheet
The case temperature is defined at the geometric top center of the processor. Analysis
indicates that real applications are unlikely to cause the processor to consume
maximum power dissipation for sustained time periods. Intel recommends that
complete thermal solution designs target the Thermal Design Power (TDP) indicated in
Table 26 instead of the maximum processor power consumption. The Thermal Monitor
feature is designed to protect the processor in the unlikely event that an application
exceeds the TDP recommendation for a sustained periods of time. For more details on
the usage of this feature, refer to Section 5.2. In all cases the Thermal Monitor and
Thermal Monitor 2 feature must be enabled for the processor to remain within
specification.
Table 26.
Processor Thermal Specifications
Processor
Number
Core
Frequency
(GHz)
Thermal
Design
Power (W)
Extended
HALT Power
(W)1
NOTES:
1.
Specification is at 50 °C TC and typical voltage loadline.
775_VR_
CONFIG_05A
/B Guidance2
2. 775_VR_CONFIG_05B guidelines provide a design target for meeting future thermal requirements.
Minimum
TC (°C)
Maximum
TC (°C)
Notes
QX6850
3.00
130
37
775_VR_CONF
IG_05B
5
See
Table 27,
Figure 15
3, 4
3.
Thermal Design Power (TDP) should be used for processor thermal solution design targets. The TDP is not
the maximum power that the processor can dissipate.
4.
This table shows the maximum TDP for a given frequency range. Individual processors may have a lower
TDP. Therefore, the maximum TC will vary depending on the TDP of the individual processor. Refer to
thermal profile figure and associated table for the allowed combinations of power and TC.
QX6800
2.93
130
37
5
QX6700
2.66
130
50
5
Q6700
2.66
95
24
775_VR_CONF
IG_05A
5
See
Table 29,
Figure 17
3, 4
Q6600
2.40
105
50
775_VR_CONF
IG_05B
5
See
Table 28,
Figure 16
3, 4, 5
5. These processors have CPUID = 06F7h
Q6600
2.40
95
24
775_VR_CONF
IG_05A
5
See
Table 29,
Figure 17
3, 4, 6
6. These processors have CPUID = 06FBh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com