Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6000 Datasheet(PDF) 3 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 3 Page - Intel Corporation

  Q6000 Datasheet HTML 1Page - Intel Corporation Q6000 Datasheet HTML 2Page - Intel Corporation Q6000 Datasheet HTML 3Page - Intel Corporation Q6000 Datasheet HTML 4Page - Intel Corporation Q6000 Datasheet HTML 5Page - Intel Corporation Q6000 Datasheet HTML 6Page - Intel Corporation Q6000 Datasheet HTML 7Page - Intel Corporation Q6000 Datasheet HTML 8Page - Intel Corporation Q6000 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
Datasheet
3
Contents
1Introduction ..............................................................................................................9
1.1
Terminology .......................................................................................................9
1.1.1
Processor Terminology ............................................................................ 10
1.2
References ....................................................................................................... 11
2
Electrical Specifications ........................................................................................... 13
2.1
Power and Ground Lands.................................................................................... 13
2.2
Decoupling Guidelines........................................................................................ 13
2.2.1
VCC Decoupling ..................................................................................... 13
2.2.2
VTT Decoupling...................................................................................... 13
2.2.3
FSB Decoupling...................................................................................... 14
2.3
Voltage Identification ......................................................................................... 14
2.4
Reserved, Unused, and TESTHI Signals ................................................................ 16
2.5
Voltage and Current Specification ........................................................................ 17
2.5.1
Absolute Maximum and Minimum Ratings .................................................. 17
2.5.2
DC Voltage and Current Specification ........................................................ 18
2.5.3
VCC Overshoot ...................................................................................... 21
2.5.4
Die Voltage Validation ............................................................................. 21
2.6
Signaling Specifications...................................................................................... 22
2.6.1
FSB Signal Groups.................................................................................. 22
2.6.2
CMOS and Open Drain Signals ................................................................. 24
2.6.3
Processor DC Specifications ..................................................................... 24
2.6.3.1
GTL+ Front Side Bus Specifications ............................................. 26
2.7
Clock Specifications ........................................................................................... 26
2.7.1
Front Side Bus Clock (BCLK[1:0]) and Processor Clocking ............................ 26
2.7.2
FSB Frequency Select Signals (BSEL[2:0])................................................. 27
2.7.3
Phase Lock Loop (PLL) and Filter .............................................................. 27
2.7.4
BCLK[1:0] Specifications ......................................................................... 28
3
Package Mechanical Specifications .......................................................................... 31
3.1
Package Mechanical Drawing............................................................................... 31
3.2
Processor Component Keep-Out Zones................................................................. 35
3.3
Package Loading Specifications ........................................................................... 35
3.4
Package Handling Guidelines............................................................................... 35
3.5
Package Insertion Specifications.......................................................................... 36
3.6
Processor Mass Specification............................................................................... 36
3.7
Processor Materials............................................................................................ 36
3.8
Processor Markings............................................................................................ 36
3.9
Processor Land Coordinates ................................................................................ 38
4
Land Listing and Signal Descriptions ....................................................................... 39
4.1
Processor Land Assignments ............................................................................... 39
4.2
Alphabetical Signals Reference ............................................................................ 62
5
Thermal Specifications and Design Considerations .................................................. 71
5.1
Processor Thermal Specifications ......................................................................... 71
5.1.1
Thermal Specifications ............................................................................ 71
5.1.2
Thermal Metrology ................................................................................. 76
5.2
Processor Thermal Features ................................................................................ 76
5.2.1
Thermal Monitor..................................................................................... 76
5.2.2
Thermal Monitor 2 .................................................................................. 77
5.2.3
On-Demand Mode .................................................................................. 78
5.2.4
PROCHOT# Signal .................................................................................. 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com