Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6000 Datasheet(PDF) 5 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 5 Page - Intel Corporation

  Q6000 Datasheet HTML 1Page - Intel Corporation Q6000 Datasheet HTML 2Page - Intel Corporation Q6000 Datasheet HTML 3Page - Intel Corporation Q6000 Datasheet HTML 4Page - Intel Corporation Q6000 Datasheet HTML 5Page - Intel Corporation Q6000 Datasheet HTML 6Page - Intel Corporation Q6000 Datasheet HTML 7Page - Intel Corporation Q6000 Datasheet HTML 8Page - Intel Corporation Q6000 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
Datasheet
5
Figures
1VCC Static and Transient Tolerance ............................................................................. 20
2VCC Overshoot Example Waveform ............................................................................. 21
3
Differential Clock Waveform ...................................................................................... 29
4
Differential Clock Crosspoint Specification ................................................................... 30
5
Differential Measurements......................................................................................... 30
6
Processor Package Assembly Sketch ........................................................................... 31
7
Processor Package Drawing Sheet 1 of 3 ..................................................................... 32
8
Processor Package Drawing Sheet 2 of 3 ..................................................................... 33
9
Processor Package Drawing Sheet 3 of 3 ..................................................................... 34
10 Processor Top-Side Markings Example for 1066 MHz Processors ..................................... 36
11 Processor Top-Side Markings Example for 1333 MHz Processors ..................................... 37
12 Processor Land Coordinates and Quadrants (Top View) ................................................. 38
13 land-out Diagram (Top View – Left Side) ..................................................................... 40
14 land-out Diagram (Top View – Right Side) ................................................................... 41
15 Thermal Profile for 130 W Processors.......................................................................... 73
16 Thermal Profile for 105 W Processors.......................................................................... 74
17 Thermal Profile 95 W Processors ................................................................................ 75
18 Case Temperature (TC) Measurement Location ............................................................ 76
19 Thermal Monitor 2 Frequency and Voltage Ordering ...................................................... 78
20 Conceptual Fan Control on PECI-Based Platforms ......................................................... 80
21 Processor Low Power State Machine ........................................................................... 84
22 Mechanical Representation of the Boxed Processor ....................................................... 87
23 Space Requirements for the Boxed Processor (Side View).............................................. 88
24 Space Requirements for the Boxed Processor (Top View)............................................... 89
25 Space Requirements for the Boxed Processor (Overall View) .......................................... 89
26 Boxed Processor Fan Heatsink Power Cable Connector Description .................................. 91
27 Baseboard Power Header Placement Relative to Processor Socket ................................... 92
28 Boxed Processor Fan Heatsink Airspace Keepout Requirements (Side 1 View)................... 93
29 Boxed Processor Fan Heatsink Airspace Keepout Requirements (Side 2 View)................... 93
30 Boxed Processor Fan Heatsink Set Points..................................................................... 95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com