Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6000 Datasheet(PDF) 44 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 44 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 40Page - Intel Corporation Q6000 Datasheet HTML 41Page - Intel Corporation Q6000 Datasheet HTML 42Page - Intel Corporation Q6000 Datasheet HTML 43Page - Intel Corporation Q6000 Datasheet HTML 44Page - Intel Corporation Q6000 Datasheet HTML 45Page - Intel Corporation Q6000 Datasheet HTML 46Page - Intel Corporation Q6000 Datasheet HTML 47Page - Intel Corporation Q6000 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
Land Listing and Signal Descriptions
44
Datasheet
FC32
H15
Power/Other
FC33
H16
Power/Other
FC34
J17
Power/Other
FC35
H4
Power/Other
FC36
AD3
Power/Other
FC37
AB3
Power/Other
FC39
AA2
Power/Other
FC4
T2
Power/Other
FC40
AM6
Power/Other
FC8
AK6
Power/Other
FERR#/PBE#
R3
Asynch CMOS
Output
GTLREF0
H1
Power/Other
Input
GTLREF1
H2
Power/Other
Input
GTLREF2
G10
Power/Other
Input
GTLREF3
F2
Power/Other
Input
HIT#
D4
Common Clock Input/Output
HITM#
E4
Common Clock Input/Output
IERR#
AB2
Asynch CMOS
Output
IGNNE#
N2
Asynch CMOS
Input
INIT#
P3
Asynch CMOS
Input
ITP_CLK0
AK3
TAP
Input
ITP_CLK1
AJ3
TAP
Input
LINT0
K1
Asynch CMOS
Input
LINT1
L1
Asynch CMOS
Input
LOCK#
C3
Common Clock Input/Output
MSID0
W1
Power/Other
Output
MSID1
V1
Power/Other
Output
PECI
G5
Power/Other
Input/Output
PROCHOT#
AL2
Asynch CMOS Input/Output
PWRGOOD
N1
Power/Other
Input
REQ0#
K4
Source Synch Input/Output
REQ1#
J5
Source Synch Input/Output
REQ2#
M6
Source Synch Input/Output
REQ3#
K6
Source Synch Input/Output
REQ4#
J6
Source Synch Input/Output
RESERVED
A20
RESERVED
AC4
RESERVED
AE4
RESERVED
AE6
Table 23.
Alphabetical Land
Assignments
Land Name
Land
#
Signal
Buffer Type
Direction
RESERVED
AH2
RESERVED
D1
RESERVED
D14
RESERVED
D16
RESERVED
E23
RESERVED
E6
RESERVED
E7
RESERVED
F23
RESERVED
F29
RESERVED
G6
RESERVED
N4
RESERVED
N5
RESERVED
P5
RESERVED
V2
RESET#
G23
Common Clock
Input
RS0#
B3
Common Clock
Input
RS1#
F5
Common Clock
Input
RS2#
A3
Common Clock
Input
SKTOCC#
AE8
Power/Other
Output
SMI#
P2
Asynch CMOS
Input
STPCLK#
M3
Asynch CMOS
Input
TCK
AE1
TAP
Input
TDI
AD1
TAP
Input
TDI_M
W2
Power/Other
Input
TDO
AF1
TAP
Output
TDO_M
U1
TAP
Output
TESTHI0
F26
Power/Other
Input
TESTHI1
W3
Power/Other
Input
TESTHI10
H5
Power/Other
Input
TESTHI11
P1
Power/Other
Input
TESTHI13
L2
Power/Other
Input
TESTHI2
F25
Power/Other
Input
TESTHI3
G25
Power/Other
Input
TESTHI4
G27
Power/Other
Input
TESTHI5
G26
Power/Other
Input
TESTHI6
G24
Power/Other
Input
TESTHI7
F24
Power/Other
Input
THERMTRIP#
M2
Asynch CMOS
Output
TMS
AC1
TAP
Input
Table 23.
Alphabetical Land
Assignments
Land Name
Land
#
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com