Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6000 Datasheet(PDF) 27 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 27 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 23Page - Intel Corporation Q6000 Datasheet HTML 24Page - Intel Corporation Q6000 Datasheet HTML 25Page - Intel Corporation Q6000 Datasheet HTML 26Page - Intel Corporation Q6000 Datasheet HTML 27Page - Intel Corporation Q6000 Datasheet HTML 28Page - Intel Corporation Q6000 Datasheet HTML 29Page - Intel Corporation Q6000 Datasheet HTML 30Page - Intel Corporation Q6000 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
Datasheet
27
Electrical Specifications
2.7.2
FSB Frequency Select Signals (BSEL[2:0])
The BSEL[2:0] signals are used to select the frequency of the processor input clock
(BCLK[1:0]). Table 16 defines the possible combinations of the signals and the
frequency associated with each combination. The required frequency is determined by
the processor, chipset, and clock synthesizer. All agents must operate at the same
frequency.
The Intel® Core™2 Extreme Quad-Core processor QX6800, QX6700 and Intel® Core™2
Quad processors Q6600 and Q6700 operate at a 1066 MHz FSB frequency (selected by
a 266 MHz BCLK[1:0] frequency). The Intel® Core™2 Extreme Quad-Core processor
QX6850 operates at 1333 MHz FSB frequency (selected by a 333 MHz BCLK[1:0]
frequency). Individual processors will only operate at their specified FSB frequency.
2.7.3
Phase Lock Loop (PLL) and Filter
An on-die PLL filter solution will be implemented on the processor. The VCCPLL input is
used for the PLL. Refer to Table 4 for DC specifications.
Table 16.
BSEL[2:0] Frequency Table for BCLK[1:0]
BSEL2
BSEL1
BSEL0
FSB Frequency
LL
L
266 MHz
L
L
H
RESERVED
L
H
H
RESERVED
L
H
L
RESERVED
H
H
L
RESERVED
H
H
H
RESERVED
H
L
H
RESERVED
HL
L
333 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com