Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6000 Datasheet(PDF) 59 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 59 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 55Page - Intel Corporation Q6000 Datasheet HTML 56Page - Intel Corporation Q6000 Datasheet HTML 57Page - Intel Corporation Q6000 Datasheet HTML 58Page - Intel Corporation Q6000 Datasheet HTML 59Page - Intel Corporation Q6000 Datasheet HTML 60Page - Intel Corporation Q6000 Datasheet HTML 61Page - Intel Corporation Q6000 Datasheet HTML 62Page - Intel Corporation Q6000 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
Land Listing and Signal Descriptions
Datasheet
59
AF12
VCC
Power/Other
AF13
VSS
Power/Other
AF14
VCC
Power/Other
AF15
VCC
Power/Other
AF16
VSS
Power/Other
AF17
VSS
Power/Other
AF18
VCC
Power/Other
AF19
VCC
Power/Other
AF20
VSS
Power/Other
AF21
VCC
Power/Other
AF22
VCC
Power/Other
AF23
VSS
Power/Other
AF24
VSS
Power/Other
AF25
VSS
Power/Other
AF26
VSS
Power/Other
AF27
VSS
Power/Other
AF28
VSS
Power/Other
AF29
VSS
Power/Other
AF30
VSS
Power/Other
AG1
TRST#
TAP
Input
AG2
BPM3#
Common Clock Input/Output
AG3
BPM5#
Common Clock Input/Output
AG4
A30#
Source Synch Input/Output
AG5
A31#
Source Synch Input/Output
AG6
A29#
Source Synch Input/Output
AG7
VSS
Power/Other
AG8
VCC
Power/Other
AG9
VCC
Power/Other
AG10
VSS
Power/Other
AG11
VCC
Power/Other
AG12
VCC
Power/Other
AG13
VSS
Power/Other
AG14
VCC
Power/Other
AG15
VCC
Power/Other
AG16
VSS
Power/Other
AG17
VSS
Power/Other
AG18
VCC
Power/Other
AG19
VCC
Power/Other
AG20
VSS
Power/Other
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction
AG21
VCC
Power/Other
AG22
VCC
Power/Other
AG23
VSS
Power/Other
AG24
VSS
Power/Other
AG25
VCC
Power/Other
AG26
VCC
Power/Other
AG27
VCC
Power/Other
AG28
VCC
Power/Other
AG29
VCC
Power/Other
AG30
VCC
Power/Other
AH1
VSS
Power/Other
AH2
RESERVED
AH3
VSS
Power/Other
AH4
A32#
Source Synch Input/Output
AH5
A33#
Source Synch Input/Output
AH6
VSS
Power/Other
AH7
VSS
Power/Other
AH8
VCC
Power/Other
AH9
VCC
Power/Other
AH10
VSS
Power/Other
AH11
VCC
Power/Other
AH12
VCC
Power/Other
AH13
VSS
Power/Other
AH14
VCC
Power/Other
AH15
VCC
Power/Other
AH16
VSS
Power/Other
AH17
VSS
Power/Other
AH18
VCC
Power/Other
AH19
VCC
Power/Other
AH20
VSS
Power/Other
AH21
VCC
Power/Other
AH22
VCC
Power/Other
AH23
VSS
Power/Other
AH24
VSS
Power/Other
AH25
VCC
Power/Other
AH26
VCC
Power/Other
AH27
VCC
Power/Other
AH28
VCC
Power/Other
AH29
VCC
Power/Other
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com