Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6000 Datasheet(PDF) 57 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 57 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 53Page - Intel Corporation Q6000 Datasheet HTML 54Page - Intel Corporation Q6000 Datasheet HTML 55Page - Intel Corporation Q6000 Datasheet HTML 56Page - Intel Corporation Q6000 Datasheet HTML 57Page - Intel Corporation Q6000 Datasheet HTML 58Page - Intel Corporation Q6000 Datasheet HTML 59Page - Intel Corporation Q6000 Datasheet HTML 60Page - Intel Corporation Q6000 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
Land Listing and Signal Descriptions
Datasheet
57
U28
VCC
Power/Other
U29
VCC
Power/Other
U30
VCC
Power/Other
V1
MSID1
Power/Other
Output
V2
RESERVED
V3
VSS
Power/Other
V4
A15#
Source Synch Input/Output
V5
A14#
Source Synch Input/Output
V6
VSS
Power/Other
V7
VSS
Power/Other
V8
VCC
Power/Other
V23
VSS
Power/Other
V24
VSS
Power/Other
V25
VSS
Power/Other
V26
VSS
Power/Other
V27
VSS
Power/Other
V28
VSS
Power/Other
V29
VSS
Power/Other
V30
VSS
Power/Other
W1
MSID0
Power/Other
Output
W2
TDI_M
Power/Other
Input
W3
TESTHI1
Power/Other
Input
W4
VSS
Power/Other
W5
A16#
Source Synch Input/Output
W6
A18#
Source Synch Input/Output
W7
VSS
Power/Other
W8
VCC
Power/Other
W23
VCC
Power/Other
W24
VCC
Power/Other
W25
VCC
Power/Other
W26
VCC
Power/Other
W27
VCC
Power/Other
W28
VCC
Power/Other
W29
VCC
Power/Other
W30
VCC
Power/Other
Y1
FC0
Power/Other
Y2
VSS
Power/Other
Y3
FC17
Power/Other
Y4
A20#
Source Synch Input/Output
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction
Y5
VSS
Power/Other
Y6
A19#
Source Synch Input/Output
Y7
VSS
Power/Other
Y8
VCC
Power/Other
Y23
VCC
Power/Other
Y24
VCC
Power/Other
Y25
VCC
Power/Other
Y26
VCC
Power/Other
Y27
VCC
Power/Other
Y28
VCC
Power/Other
Y29
VCC
Power/Other
Y30
VCC
Power/Other
AA1
VTT_OUT_
RIGHT
Power/Other
Output
AA2
FC39
Power/Other
AA3
VSS
Power/Other
AA4
A21#
Source Synch Input/Output
AA5
A23#
Source Synch Input/Output
AA6
VSS
Power/Other
AA7
VSS
Power/Other
AA8
VCC
Power/Other
AA23
VSS
Power/Other
AA24
VSS
Power/Other
AA25
VSS
Power/Other
AA26
VSS
Power/Other
AA27
VSS
Power/Other
AA28
VSS
Power/Other
AA29
VSS
Power/Other
AA30
VSS
Power/Other
AB1
VSS
Power/Other
AB2
IERR#
Asynch CMOS
Output
AB3
FC37
Power/Other
AB4
A26#
Source Synch Input/Output
AB5
A24#
Source Synch Input/Output
AB6
A17#
Source Synch Input/Output
AB7
VSS
Power/Other
AB8
VCC
Power/Other
AB23
VSS
Power/Other
AB24
VSS
Power/Other
AB25
VSS
Power/Other
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com