Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6000 Datasheet(PDF) 28 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 28 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 24Page - Intel Corporation Q6000 Datasheet HTML 25Page - Intel Corporation Q6000 Datasheet HTML 26Page - Intel Corporation Q6000 Datasheet HTML 27Page - Intel Corporation Q6000 Datasheet HTML 28Page - Intel Corporation Q6000 Datasheet HTML 29Page - Intel Corporation Q6000 Datasheet HTML 30Page - Intel Corporation Q6000 Datasheet HTML 31Page - Intel Corporation Q6000 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
Electrical Specifications
28
Datasheet
2.7.4
BCLK[1:0] Specifications
.
Table 17.
Front Side Bus Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit Figure Notes1
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VL
Input Low Voltage
-0.30
N/A
N/A
V
3
2
2.
"Steady state" voltage, not including overshoot or undershoot.
VH
Input High Voltage
N/A
N/A
1.15
V
3
2
VCROSS(abs) Absolute Crossing Point
0.300
N/A
0.550
V
3, 4
3, 4, 5
3.
Crossing voltage is defined as the instantaneous voltage value when the rising edge of BCLK0
equals the falling edge of BCLK1.
4.
The crossing point must meet the absolute and relative crossing point specifications
simultaneously
5.
VHavg is the statistical average of the VH measured by the oscilloscope.
ΔVCROSS
Range of Crossing Points
N/A
N/A
0.140
V
3, 4
-
VOS
Overshoot
N/A
N/A
1.4
V
3
6
6.
Overshoot is defined as the absolute value of the maximum voltage. Undershoot is defined as
the absolute value of the minimum voltage.
VUS
Undershoot
-0.300
N/A
N/A
V
3
6
VSWING
Differential Output Swing
0.300
N/A
N/A
V
5
7
7.
Measurement taken from differential waveform.
Table 18.
FSB Differential Clock Specifications (1066 MHz FSB)
T# Parameter
Min
Nom
Max
Unit
Figure
Notes1
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor core frequencies
based on a 266 MHz BCLK[1:0].
BCLK[1:0] Frequency
265.307
—
266.746
MHz
2
2.
Duty Cycle (High time/Period) must be between 40 and 60%.
T1: BCLK[1:0] Period
3.74963
—
3.76922
ns
3
3
3.
The period specified here is the average period. A given period may vary from this specification
as governed by the period stability specification (T2). Min period specification is based on
-300 PPM deviation from a 3.75 ns period. Max period specification is based on the summation
of +300 PPM deviation from a 3.75 ns period and a +0.5% maximum variance due to spread
spectrum clocking.
T2: BCLK[1:0] Period Stability
—
—
150
ps
3
4
4.
In this context, period stability is defined as the worst case timing difference between successive
crossover voltages. In other words, the largest absolute difference between adjacent clock
periods must be less than the period stability.
T5:
BCLK[1:0] Rise and Fall Slew
Rate
2.5
—
8
V/nS
5
5
5.
Measurement taken from differential waveform.
T6: Slew Rate Matching
N/A
N/A
20
%
6
6.
Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured
using a ±75 mV window centered on the average cross point where Clock rising meets Clock#
falling. The median cross point is used to calculate the voltage thresholds the oscilloscope is to
use for the edge rate calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com